Electronic Components Datasheet Search
  English  ▼

X  

1007352 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1007352
Description  Special function module - AXL F PWM2 1H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007352 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1007352 Datasheet HTML 1Page - PHOENIX CONTACT 1007352 Datasheet HTML 2Page - PHOENIX CONTACT 1007352 Datasheet HTML 3Page - PHOENIX CONTACT 1007352 Datasheet HTML 4Page - PHOENIX CONTACT 1007352 Datasheet HTML 5Page - PHOENIX CONTACT 1007352 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
https://www.phoenixcontact.com/us/products/1007352
05/20/2021   Page 6 / 6
Special function module - AXL F PWM2 1H - 1007352
Accessories
Bus connector - AXL F BS H - 2700992
Axioline F bus base module for housing type H
 
 
Shield connection
Shield connection - AXL SHIELD SET - 2700518
Axioline shield connection set (contains 2 shield bus holders and 2 SK 5 shield connection clamps)
 
 
Terminal marking
Zack marker strip - ZB 20,3 AXL UNPRINTED - 0829579
Zack marker strip for Axioline F (device labeling), in 2 x 20.3 mm pitch, unprinted, 25-section, for individual labeling with
B-STIFT 0.8, X-PEN, or CMS-P1-PLOTTER
 
 
Zack Marker strip, flat - ZBF 10/5,8 AXL UNPRINTED - 0829580
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snap into flat marker groove, for terminal block width: 10.15 mm, lettering field size: 4 of 10.15 x 5 mm and 1 of 5.8 x 5
mm, Number of individual labels: 50
 
 
Phoenix Contact 2021 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com