Electronic Components Datasheet Search
  English  ▼

X  

1007352 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1007352
Description  Special function module - AXL F PWM2 1H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007352 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1007352 Datasheet HTML 1Page - PHOENIX CONTACT 1007352 Datasheet HTML 2Page - PHOENIX CONTACT 1007352 Datasheet HTML 3Page - PHOENIX CONTACT 1007352 Datasheet HTML 4Page - PHOENIX CONTACT 1007352 Datasheet HTML 5Page - PHOENIX CONTACT 1007352 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/us/products/1007352
05/20/2021   Page 4 / 6
Special function module - AXL F PWM2 1H - 1007352
Technical data
Standards and Regulations
Continuous shock according to EN 60068-2-27/IEC 60068-2-27 10g
Protection class
III (IEC 61140, EN 61140, VDE 0140-1)
Overvoltage category
II (IEC 60664-1, EN 60664-1)
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”, Category
“Manufacturer's declaration”
Drawings
Connection diagram
00
10
01
11
02
12
03
13
L01
Connection example
Dimensional drawing
35
54
Classifications
eCl@ss
eCl@ss 10.0.1
27242605
eCl@ss 11.0
27242605
eCl@ss 6.0
27242600
eCl@ss 7.0
27242605
eCl@ss 9.0
27242605
ETIM
ETIM 6.0
EC001601
ETIM 7.0
EC001601
Approvals
Approvals



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com