Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC7802
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 2Page - Analog Devices LTC7802 Datasheet HTML 3Page - Analog Devices LTC7802 Datasheet HTML 4Page - Analog Devices LTC7802 Datasheet HTML 5Page - Analog Devices LTC7802 Datasheet HTML 6Page - Analog Devices LTC7802 Datasheet HTML 7Page - Analog Devices LTC7802 Datasheet HTML 8Page - Analog Devices LTC7802 Datasheet HTML 9Page - Analog Devices LTC7802 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LTC7811
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
indicates specifications which apply over the specified operating
junction temperature range, otherwise specifications are for TA = 25°C, VBIAS = 12V, RUN1,2,3>1.25V, EXTVCC = 0V, VPRG3 = FLOAT
unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PLLIN Input High Level
PLLIN Input Low Level
l
l
2.2
0.5
V
V
Spread Spectrum Frequency Range
(Relative to fOSC)
PLLIN/SPREAD = INTVCC
Minimum Frequency
Maximum Frequency
–12
+15
%
%
PGOOD1 and BATTGOOD Outputs
PGOOD1 Voltage Low
IPGOOD1 = 2mA
0.2
0.4
V
PGOOD1 Leakage Current
VPGOOD1 = 5V
±1
µA
PGOOD1 Trip Level
VFB1 Relative to Set Regulation Point
VFB1 Rising
Hysteresis
7
10
2.5
13
%
%
VFB1 Falling
Hysteresis
–13
–10
2.5
–7
%
%
PGOOD1 Delay for Reporting a Fault
25
µs
BATTGOOD Voltage Low
IBATTGOOD = 2mA
0.2
0.4
V
BATTGOOD Leakage Current
VBATTGOOD = 5V
±1
µA
Battery Comparator Thresholds
VBATTSNS Rising
VBATTSNS Falling
Hysteresis
l
l
9.2
9.1
9.75
9.50
250
10.3
9.9
V
V
mV
BATTSNS Pin Current
VBATTSNS = 16V, RUN3 = 2V
VBATTSNS = 16V, RUN3 = 0V
1
±5
±50
µA
nA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7811 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC7811I is guaranteed over the –40°C to 125°C operating
junction temperature range, and the LTC7811J is guaranteed over the
–40°C to 150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes; operating lifetime is derated
for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance and other environmental factors. The junction
temperature (TJ, in °C) is calculated from the ambient temperature (TA, in
°C) and power dissipation (PD, in Watts) according to the formula: TJ = TA
+ (PD • θJA), where θJA (in °C/W) is the package thermal impedance.
Note 3: When SENSE1– ≥ 3.2V or EXTVCC ≥ 4.8V, VBIAS supply current is
transferred to these pins to reduce the total input supply quiescent current.
SENSE1– bias current is reflected to the buck channel 1 input supply (VIN1)
by the formula IVIN1 = ISENSE1– • VOUT1/(VIN1 • η), where η is the efficiency.
EXTVCC bias current is similarly reflected to a buck channel input supply
when biased by a buck channel output. To minimize input supply current,
select channel 1 to be the lowest output voltage greater than 3.2V and
connect EXTVCC to the lowest output voltage greater than 4.8V.
Note 4: The LTC7811 is tested in a feedback loop that servos VITH1,2,3 to
a specified voltage and measures the resultant VFB1,2,3. The specifications
at 0°C and 85°C are not tested in production and are assured by
design, characterization and correlation to production testing at other
temperatures (125°C for the LTC7811I, 150°C for the LTC7811J).
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current > 40% of IL(MAX) (See Minimum On-Time
Considerations in the Applications Information section).
Note 8: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 9: Do not apply a voltage or current source to these pins. They must be
connected to capacitive loads only, otherwise permanent damage may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com