Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC7802
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 18Page - Analog Devices LTC7802 Datasheet HTML 19Page - Analog Devices LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices LTC7802 Datasheet HTML 22Page - Analog Devices LTC7802 Datasheet HTML 23Page - Analog Devices LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices LTC7802 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
LTC7811
22
Rev. 0
For more information www.analog.com
Setting the Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing gate charge and transition losses, but requires
larger inductance values and/or more output capacitance
to maintain low output ripple voltage.
In higher voltage applications transition losses contrib-
ute more significantly to power loss, and a good balance
between size and efficiency is generally achieved with a
switching frequency between 300kHz and 900kHz. Lower
voltage applications benefit from lower switching losses
and can therefore more readily operate at higher switching
frequencies up to 3MHz if desired.
A further constraint on the operating frequency is due
to the maximum duty cycle of the boost channel. The
maximum duty cycle, which can be approximated as
DCMAX≈(1-VIN(MIN)/VOUT3)*100%, is limited as shown
in Figure 3a. At low frequencies, the output will dropout
if the required duty cycle is higher than 93%. At high
frequencies, the maximum duty cycle available to main-
tain constant frequency operation is reduced further. In
this region, if a higher duty cycle is required to keep the
output voltage in regulation, the controller will keep the
bottom MOSFET (BG3) on for more than one clock cycle
to achieve the higher duty cycle at an effectively lower fre-
quency. Choose a frequency that limits the maximum duty
cycle to a value lower than the curve shown in Figure 3a.
The switching frequency is set using the FREQ and PLLIN/
SPREAD pins as shown in Table 1.
Table 1.
FREQ PIN
PLLIN/SPREAD PIN
FREQUENCY
0V
0V
380kHz
INTVCC
0V
2.25MHz
Resistor to GND
0V
100kHz to 3MHz
Any of the Above
External Clock
100kHz to 3MHz
Phase-Locked to
External Clock
Any of the Above
INTVCC
Spread Spectrum
Modulated
Tying the FREQ pin to ground selects 380kHz while
tying FREQ to INTVCC selects 2.25MHz. Placing a resis-
tor between FREQ and ground allows the frequency to
be programmed anywhere between 100kHz and 3MHz.
Choose a FREQ pin resistor from Figure 3b or the follow-
ing equation:
RFREQ(inkΩ)=
37MHz
fOSC
To improve electromagnetic interference (EMI) perfor-
mance, spread spectrum mode can optionally be selected
by tying the PLLIN/SPREAD pin to INTVCC. When spread
spectrum is enabled, the switching frequency modulates
−12% to +15% of the frequency selected by the FREQ
pin. Spread spectrum may be used in any operating mode
selected by the MODE pin (Burst Mode, pulse-skipping,
or forced continuous mode).
A phase-locked loop (PLL) is also available on the
LTC7811 to synchronize the internal oscillator to an exter-
nal clock source connected to the PLLIN/SPREAD pin.
After the PLL locks, TG1 is synchronized to the rising edge
of the external clock signal, and TG2 is 180° out of phase
from TG1. See the Phase-Locked Loop and Frequency
Synchronization section for details.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com