Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7802
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 1 Page - Analog Devices

  LTC7802 Datasheet HTML 1Page - Analog Devices LTC7802 Datasheet HTML 2Page - Analog Devices LTC7802 Datasheet HTML 3Page - Analog Devices LTC7802 Datasheet HTML 4Page - Analog Devices LTC7802 Datasheet HTML 5Page - Analog Devices LTC7802 Datasheet HTML 6Page - Analog Devices LTC7802 Datasheet HTML 7Page - Analog Devices LTC7802 Datasheet HTML 8Page - Analog Devices LTC7802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LTC7811
1
Rev. 0
For more information www.analog.com
Document Feedback
DESCRIPTION
TYPICAL APPLICATION
40V, Low IQ, 3MHz,
Triple Output Buck/Buck/Boost Controller
The LTC®7811 is a high performance triple output (buck/
buck/boost) DC/DC switching regulator controller that
drives all N-channel power MOSFET stages. Its constant
frequency current mode architecture allows a phase-lock-
able switching frequency of up to 3MHz. The LTC7811
operates from a wide 4.5V to 40V input supply range.
When biased from the output of the boost converter or
another auxiliary supply, the LTC7811 can operate from
an input supply as low as 1V after start-up.
The very low no-load quiescent current extends operating
run time in battery powered systems. OPTI-LOOP® com-
pensation allows the transient response to be optimized
over a wide range of output capacitance and ESR values.
The LTC7811 features a precision 0.8V reference for the
bucks, 1.2V reference for the boost and a power good
output indicator.
The LTC7811 additionally features spread spectrum oper-
ation which significantly reduces the peak radiated and
conducted noise on both the input and output supplies,
making it easier to comply with electromagnetic interfer-
ence (EMI) standards.
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 5481178, 5705919, 5929620, 6144194, 6177787, 6580258.
FEATURES
APPLICATIONS
n
Dual Synchronous Buck Plus Single Boost Controllers
n
Low Operating IQ:
n
14μA (14V to 3.3V, Channel 1 On)
n
Outputs Remain in Regulation Through Cold Crank
Down to 1V Input Supply Voltage
n
Wide Bias Input Voltage Range: 4.5V to 40V
n
Buck Output Voltages Up to 40V
n
Boost Output Voltage Limited Only by External
Components
n
Spread Spectrum Operation
n
RSENSE or DCR Current Sensing
n
Low Battery Indicator for Automotive Applications
n
Programmable Fixed Frequency (100kHz to 3MHz)
n
Phase-Lockable Frequency (100kHz to 3MHz)
n
Selectable Continuous, Pulse-Skipping, or Low
Ripple Burst Mode® Operation at Light Loads
n
Boost Channel Current Monitor Output
n
Low Shutdown IQ: 1.5μA
n
Small 40-Lead 6mm × 6mm QFN Package
n
AEC-Q100 Automotive Qualification in Progress
n
Automotive and Transportation
n
Industrial
n
Military/Avionics
LTC7811 Response to a Cold
Crank Automotive Waveform
2.2µH
6m
150µF
0.1µF
0.1µF
2.4µH
6m
22µF
100µF
22µF
47µF
0.1µF
4.7µH
9m
357k
68.1k
7811 TA01a
10µF
100µF
210k
68.1k
4.7µF
1V TO 38V
START-UP
ABOVE 5V
LTC7811
VBIAS
RUN1,2,3
BG3
SENSE3+
VFB3
ITH1,2,3
TRACK/SS1,2,3
SENSE3–
SW1
BG1
TG1
BOOST1
SENSE1+
VFB1
SENSE1–
VIN
3.3V
VOUT1
6A
VOUT3
REGULATED TO 9.5V
WHEN VIN < 9.5V
FOLLOWS VIN
WHEN VIN > 9.5V
SW2
BG2
TG2
BOOST2
SENSE2+
VFB2
5V
SENSE2–
EXTVCC
VOUT2
VOUT2
4A
INTVCC
BOOST1,2
FREQ
PLLIN/SPREAD
VPRG3
VOUT3
MODE
VOUT3
GND
VOUT3
VOUT2
VOUT1
VBATT
TIME (10ms/DIV)
0V
VOLTAGE
2V/DIV
Automotive Waveform
LTC7811 Response to a Cold Crank
7811 TA01b


Similar Part No. - LTC7802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7802 AD-LTC7802 Datasheet
2Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7802 AD-LTC7802 Datasheet
1Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7802 AD-LTC7802 Datasheet
1Mb / 36P
40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
LTC7802 AD-LTC7802 Datasheet
1Mb / 19P
Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
Rev. A
LTC7802-3.3 AD-LTC7802-3.3 Datasheet
2Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
More results

Similar Description - LTC7802

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859AL LINER-LTC3859AL Datasheet
598Kb / 44P
Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LT8603 LINER-LT8603 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com