Electronic Components Datasheet Search
  English  ▼

X  

LTC3604 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3604
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3604 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3604 Datasheet HTML 6Page - Analog Devices LTC3604 Datasheet HTML 7Page - Analog Devices LTC3604 Datasheet HTML 8Page - Analog Devices LTC3604 Datasheet HTML 9Page - Analog Devices LTC3604 Datasheet HTML 10Page - Analog Devices LTC3604 Datasheet HTML 11Page - Analog Devices LTC3604 Datasheet HTML 12Page - Analog Devices LTC3604 Datasheet HTML 13Page - Analog Devices LTC3604 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3644/LTC3644-2
10
Rev. 0
For more information www.analog.com
OPERATION
VIN Overvoltage Protection
In order to protect the internal power MOSFET devices
against transient voltage spikes, the LTC3644 constantly
monitors the VINX pins for an overvoltage condition.
When VINX rises above 19V, the corresponding regulator
suspends operation by shutting off both power MOSFETs.
Once VINX drops below 18.6V, the regulator immediately
resumes normal operation. The regulators execute soft-
start function when exiting an overvoltage condition.
Low Supply Operation
To ensure that the regulators will operate properly, the
LTC3644incorporatesanundervoltagelockoutcircuitthat
shuts down all channels if SVIN drops below 2.25V. Once
SVIN rises above this lower limit, all switchers will resume
normal operation if their respective RUN pins are enabled.
However, the RDS(ON) of the top and bottom switch of each
channels will be slightly higher than that specified in the
electrical characteristics due to lack of gate drive. Refer
to graph of RDS(ON) versus VIN for more details.
Phase Selection
Channels1,2andchannels3,4oftheLTC3644canoperate
in phase or 180° out-of-phase (anti-phase) depending on
whether the PHASE pin is low or high, respectively. Anti-
phase generally reduces input voltage and current ripple.
Crosstalk between switch nodes SWx and components
or sensitive lines connected to FBx can sometimes cause
unstable switching waveforms and unexpectedly large
input and output voltage ripple.
Crosstalk can generally be avoided by carefully choosing
the phase shift such that the SW edges do not coincide.
Depending on the duty cycle of the two channels, choose
the phase option that keeps the SWx edges as far away
from each other as possible. However, there are often
situations where this is unavoidable, such as when all
channels are operating at near 50% duty cycle. In such
cases, the optimized phase shift can be set by modulating
the duty cycle of an external clock on the MODE/SYNC pin
(channel 1,2 edge synced to the rising edge of the external
clock, channel 3,4 edge synced to the falling edge of the
external clock), while keeping the PHASE pin voltage tied
to INTVCC. Figure 2 shows a 90° phase shift between
channels 1, 2 and channels 3,4. Table 1 shows the phase
options set by the PHASE and MODE/SYNC pins.
Figure 2. 90° Phase Shift Set by External Clock
Table 1. Phase Selection
No External CLK
External CLK
PHASE = 0
0 degrees phase shift
0 degrees phase shift
PHASE = INTVCC 180 degrees phase shift
Phase shift determined by
clock edges
Soft-Start
The LTC3644 has an internal 1.1ms soft-start ramp for
each channel. During soft-start operation, the switcher
operates in pulse-skipping mode regardless of the mode
programmed on the MODE/SYNC pin. Once the soft start
period is complete, the part will transition into the desired
mode of operation.
Regulators with Combined Power Stages
The LTC3644 can be configured as quad 1.25A outputs,
triple 2.5A/1.25A/1.25A outputs, dual 2.5A outputs using
onlyoneinductorperoutput,ordual3.75A/1.25Aoutputs.
ByconnectingVIN1,2andVIN3,4together,SW1,2andSW3,4
together, and connecting FB2 and FB3 to INTVCC,LTC3644
supports dual 2.5A outputs using only one inductor per
output.Evenmore,byconnectingVIN1,2,4together,SW1,2,4
together, and FB2, FB4 to INTVCC, LTC3644 supports
3.75A/1.25A outputs.
500ns/DIV
SW4
10V/DIV
SW1
10V/DIV
EXT CLK
5V/DIV
3644 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com