Electronic Components Datasheet Search
  English  ▼

X  

LTC3604 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3604
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3604 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3604 Datasheet HTML 8Page - Analog Devices LTC3604 Datasheet HTML 9Page - Analog Devices LTC3604 Datasheet HTML 10Page - Analog Devices LTC3604 Datasheet HTML 11Page - Analog Devices LTC3604 Datasheet HTML 12Page - Analog Devices LTC3604 Datasheet HTML 13Page - Analog Devices LTC3604 Datasheet HTML 14Page - Analog Devices LTC3604 Datasheet HTML 15Page - Analog Devices LTC3604 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC3644/LTC3644-2
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Frequency Sync Capability
The LTC3644 has the capability to sync to a ±50% range
of the internal programmed frequency. Once engaged in
sync, the LTC3644 immediately runs at the external clock
frequency in forced continuous mode.
Inductor Selection
Given the desired input and output voltages, the inductor
valueandoperatingfrequencydeterminetheripplecurrent:
ΔIL =
VOUT
f •L
1
−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
Lower ripple current reduces power losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a trade-off between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
this is about 40% of IOUT(MAX). When calculating the
ripple current, IOUT(MAX) refers to the maximum output
current of the regulator, not the maximum load current of
the intended application. To guarantee that ripple current
does not exceed a specified maximum, the inductance
should be chosen according to:
L
=
VOUT
f •
ΔIL(MAX)
1
−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
Once the value for L is known, the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value, but is very dependent on the
inductance selected. As the inductance or frequency
in-creases, core loss decrease. Unfortunately, increased
inductance requires more turns of wire and therefore
copper losses increase.
Ferritedesignshaveverylowcorelossesandarepreferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
the inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
inductor ripple current and consequently output voltage
ripple. Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy, but
generally cost more than powdered iron core inductors
with similar characteristics. The choice of which style
inductor to use mainly depends on the price versus size
requirements and any radiated field/EMI requirements.
New designs for surface mount inductors are available
from Coilcraft, Murata, Vishay, TDK and Würth Elektronik.
Refer to Table 2 to Table 4 for more details.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
% Efficiency = 100% - (L1 + L2 + L3 + …)
where L1, L2 etc. are the individual losses as a percentage
of input power. Although all dissipative elements in the
circuit produce losses, three main sources in the LTC3644
circuit are: 1) I2R losses, 2) switching and biasing losses,
3) other losses.
1. I2R losses are calculated from the DC resistances
of the internal switches, RSW, and external inductor,
RL. In continuous mode, the average output current
flows through inductor L but is “chopped” between
theinternaltopandbottompowerMOSFETs.Thus,the
series resistance looking into the SW pin is a function
of both the top and bottom MOSFET RDS(ON) and the
duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC)+(RDS(ON)BOT)(1 – DC)
TheRDS(ON)forboththetopandbottomMOSFETscanbe
obtainedfromtheTypicalPerformanceCharacteristics
curves. Thus to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com