Electronic Components Datasheet Search
  English  ▼

X  

LTC3604 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3604
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3604 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3604 Datasheet HTML 7Page - Analog Devices LTC3604 Datasheet HTML 8Page - Analog Devices LTC3604 Datasheet HTML 9Page - Analog Devices LTC3604 Datasheet HTML 10Page - Analog Devices LTC3604 Datasheet HTML 11Page - Analog Devices LTC3604 Datasheet HTML 12Page - Analog Devices LTC3604 Datasheet HTML 13Page - Analog Devices LTC3604 Datasheet HTML 14Page - Analog Devices LTC3604 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3644/LTC3644-2
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Output Voltage Programming
The output voltage is set by external resistive divider
according to the following equation:
VOUT = 0.6V • 1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
The resistive divider allows the FB pin to sense a fraction
of the output voltage as shown in Figure 3.
performance.FortheLTC3644/LTC3644-2,aminimumCOUT
of47μFisrecommendedtoensureloopstabilityforVOUTlower
than2V.Forgoodstartingvalues,seetheTypicalApplication
section.
Use X5R or X7R types. This choice will provide low
output ripple and good transient response. Transient
performance can be improved with a higher value output
capacitor and the addition of a feedforward capacitor
placed between VOUT and FB. Increasing the output
capacitance will also decrease the output voltage ripple.
A lower value of output capacitor can be used to save
space and cost but transient performance will suffer and
may cause loop instability. See the Typical Applications
in this data sheet for suggested capacitor values.
When choosing a capacitor, special attention should be
giventothedatasheettocalculatetheeffectivecapacitance
undertherelevantoperatingconditionsofvoltagebiasand
temperature. A physically larger capacitor or one with a
higher voltage rating may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LTC3644 due to their piezoelectric
nature. When in Burst Mode operation, the LTC3644’s
switching frequency depends on the load current, and
at very light loads the LTC3644 can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since the LTC3644 operates at a lower current limit during
Burst Mode operation, the noise is typically very quiet to a
casual ear. If this is unacceptable, use a high performance
tantalum or electrolytic capacitor at the output. Low noise
ceramic capacitors are also available.
Output Power Good
When the LTC3644’s output voltages are within the ±7.5%
windowoftheregulationpoint,theoutputvoltagesaregood
andthePGOODpinsarepulledhighwithexternalresistors.
Otherwise, internal open-drain pull-down devices (275Ω)
willpullthePGOODpinslow.TopreventunwantedPGOOD
glitches during transients or dynamic VOUT changes, the
LTC3644’s PGOOD falling edge includes a blanking delay
of approximately 32 switching cycles.
Figure 3. Setting the Output Voltage
Input Capacitor (CIN) Selection
The LTC3644 has individual input supply pins for each
buck switching regulator and a separate SVIN pin that
supplies power to all top level control and logic. Each of
these pins must be decoupled with low ESR capacitors
to GND. These capacitors must be placed as close to
the pins as possible. Ceramic dielectric capacitors are a
good compromise between high dielectric constant and
stability versus temperature and DC bias. Note that the
capacitance of a capacitor deteriorates at higher DC bias.
It is important to consult manufacturer data sheets and
obtain the true capacitance of a capacitor at the DC bias
voltage it will be operated at. For this reason, avoid the
use of Y5V dielectric capacitors. The X5R/X7R dielectric
capacitors offer good overall performance.
Output Capacitor (COUT) Selection
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by the
LTC3644 to produce the DC output. In this role it determines
the output ripple, thus low impedance at the switching
frequency is important. The second function is to store
energy in order to satisfy transient loads and stabilize the
LTC3644’s control loop. Ceramic capacitors have very low
equivalentseriesresistance(ESR)andprovidethebestripple
VOUT
CFF
R2
R1
3644 F03
FB
GND
LTC3644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com