Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4367
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices LTC4367 Datasheet HTML 15Page - Analog Devices LTC4367 Datasheet HTML 16Page - Analog Devices LTC4367 Datasheet HTML 17Page - Analog Devices LTC4367 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4381
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
by using short, wide traces. An RC filter at the VCC pin is
an effective measure against voltage spikes.
Another way to limit transients to less than 80V at the VCC
pin is to use a small Zener diode and a resistor, D1 and R1
in Figure 1. The Zener diode limits the voltage at the pin
while the resistor limits the current through the diode to a
safe level during the surge. However, D1 can be omitted if
the filtered voltage at the VCC pin, due to R1 and C1, stays
below 80V. The inclusion of R1 in series with the VCC pin
modestly increases the minimum required voltage at VIN
due to the extra voltage drop across it from the small VCC
current of the LTC4381 and the leakage current of D1.
A total bulk capacitance of at least 22µF low ESR electro-
lytic or ceramic is required close to the OUT pin.
Transient Stress in the MOSFET
During an overvoltage event, the LTC4381 clamps the
gate of the pass MOSFET to limit the output voltage at an
acceptable level. The load circuitry may continue operat-
ing throughout this interval, but only at the expense of
dissipation in the MOSFET pass device. MOSFET dissipa-
tion or stress is a function of the input voltage waveform,
output voltage and load current.
Most transient event specifications use the prototypi-
cal waveshape shown in Figure 2, comprising a linear
ramp of rise time tr, reaching a peak voltage of VPK and
exponentially decaying back to VIN with a time constant
of τ. A common automotive transient specification has
constants of tr = 10µs, VPK = 80V and τ = 1ms. A surge
condition known as load dump commonly has constants
of tr = 5ms, VPK = 60V and τ = 200ms.
MOSFET stress is the result of power dissipated within
the device. For long duration surges of 100ms or more,
stress is increasingly dominated by heat transfer out of
the package; this is a matter of device packaging and
mounting and heat sink thermal mass. This is best ana-
lyzed by simulation using the MOSFET thermal model.
For short duration transients of less than 100ms, MOSFET
survival is a matter of safe operating area (SOA), an
intrinsic property of the MOSFET. SOA quantifies the
time required at any given condition of VDS and ID to
raise the junction temperature of the MOSFET to its rated
maximum. MOSFET SOA can be expressed in units of
watt-root-seconds (P√t), which is essentially constant
for intervals of less than 100ms for any given device
type and rises to infinity under DC operating conditions.
Destruction mechanisms other than bulk die temperature
distort the lines of an accurately drawn SOA graph so that
P√t is not the same for all combinations of ID and VDS.
In particular P√t tends to degrade as VDS approaches
the maximum rating, rendering some devices useless for
absorbing energy above a certain voltage. The LTC4381
internal MOSFET has a guaranteed SOA of 20ms at 70V
and 1A, which gives a P√t of 10W√s. To survive a longer
overvoltage transient, reduce the load current according
to this P√t spec.
Figure 2. Prototypical Transient Waveform
VPK
τ
VIN
4381 F02
tr
Figure 3. Safe Operating Area Required to Survive
Prototypical Transient Waveform
VPK
τ
VIN
4381 F03
VREG
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com