Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4644
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 5Page - Analog Devices LTM4644 Datasheet HTML 6Page - Analog Devices LTM4644 Datasheet HTML 7Page - Analog Devices LTM4644 Datasheet HTML 8Page - Analog Devices LTM4644 Datasheet HTML 9Page - Analog Devices LTM4644 Datasheet HTML 10Page - Analog Devices LTM4644 Datasheet HTML 11Page - Analog Devices LTM4644 Datasheet HTML 12Page - Analog Devices LTM4644 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM8060
9
Rev. 0
For more information www.analog.com
BIAS Current vs Frequency
12VIN to 3.3VOUT
Forced Continuous Mode
Dropout Voltage vs Load Current
Input Current vs VIN
VOUT Short Circuited
Single Channel Derating, VOUT =
1.5V CH1 ON, CH2/CH3/CH4 OFF
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
Single Channel Derating, VOUT =
3.3V CH1 ON, CH2/CH3/CH4 OFF
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
TA = 25°C, operating per Table 1,unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Dual Channel Derating, VOUT = 5V
CH1/CH3 ON, CH2/CH4 OFF
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
Dual Channel Derating, VOUT =
1.5V CH1/CH3 ON, CH2/CH4 OFF
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
Single Channel Derating, VOUT =
5V CH1 ON, CH2/CH3/CH4 OFF
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
Dual Channel Derating, VOUT =
3.3V CH1/CH3 ON, CH2/CH4 OFF
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
SWITCHING FREQUENCY (MHz)
0
1
2
3
0
5
10
15
20
25
Forced Continuous Mode
12VIN to 3.3VOUT
BIAS Current vs Frequency
8060 G46
Burst Mode
Forced Continuous Mode
LOAD CURRENT (A)
0
2
4
6
0
0.4
0.8
1.2
1.6
Dropout Voltage vs Load Current
8060 G47
VIN (V)
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
VOUT Short Circuited
Input Current vs VIN
8060 G48
0 LFM
12V
24V
36V
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Board
CH1 ON, CH2/CH3/CH4 OFF
Single Channel Derating, VOUT = 1.5V
8060 G49
0 LFM
12V
24V
36V
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Board
CH1 ON, CH2/CH3/CH4 OFF
Single Channel Derating, VOUT = 3.3V
8060 G50
0 LFM
12V
24V
36V
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Board
CH1 ON, CH2/CH3/CH4 OFF
Single Channel Derating, VOUT = 5V
8060 G51
0 LFM
12V
24V
36V
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Board
CH1/CH3 ON, CH2/CH4 OFF
Dual Channel Derating, VOUT = 1.5V
8060 G52
0 LFM
12V
24V
36V
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Board
CH1/CH3 ON, CH2/CH4 OFF
Dual Channel Derating, VOUT = 3.3V
8060 G53
0 LFM
12V
24V
36V
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Board
CH1/CH3 ON, CH2/CH4 OFF
Dual Channel Derating, VOUT = 5V
8060 G54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com