Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4644
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 7Page - Analog Devices LTM4644 Datasheet HTML 8Page - Analog Devices LTM4644 Datasheet HTML 9Page - Analog Devices LTM4644 Datasheet HTML 10Page - Analog Devices LTM4644 Datasheet HTML 11Page - Analog Devices LTM4644 Datasheet HTML 12Page - Analog Devices LTM4644 Datasheet HTML 13Page - Analog Devices LTM4644 Datasheet HTML 14Page - Analog Devices LTM4644 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM8060
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
TRSS1/2/3/4 (Pins N11/M11): Output Tracking and Soft-
Start Pins. These pins allow user control of output volt-
age ramp rate during start-up. A TRSSn voltage below
0.8V forces the LTM8060 to regulate the FBn pin to equal
the TRSSn pin voltage. When TRSSn is above 0.8V, the
tracking function is disabled and the internal reference
resumes control of the error amplifier. An internal 2μA
pull-up current on these pins allow a capacitor to pro-
gram output voltage slew rate. These pins are pulled to
ground during shutdown and fault conditions; use a series
resistor if driving from a low impedance output. These
pins may be left floating if the soft-start feature is not
being used.
PG1/2/3/4 (Pins E9/D10/L3/M2): The PGn pind str the
open-drain output of an internal comparator. PGn remains
low until the FBn pin is within ±7.5% of the final regulation
voltage, and there are no fault conditions. PGn is pulled
low during VINn UVLO, thermal shutdown, or when the
RUNn pins are low.
SHARE1/2/3/4 (Pind K8/K9/F4/F3): Channel 1/2/3/4
Current Sharing Control. Tie SHAREn together when
paralleling outputs. LTM8060 can also share current
between modules. See Typical Application section for
current sharing between channels and current sharing
between modules.
DNC (Pind E10/L2): Do not connect.
BLOCK DIAGRAM
10nF
249k
10pF
0.1µF
1.5µH
10nF
249k
10pF
0.1µF
249k
10pF
0.1µF
10nF
249k
10pF
0.1µF
8060 BD
1.5µH
1.5µH
1.5µH
VIN1
VOUT1
FB1
AUX1
CURRENT MODE
CONTROLLER
HOUSEKEEPING
CIRCUITRY
TRSS1
RUN1
VIN2
VOUT2
FB2
AUX2
CURRENT MODE
CONTROLLER
TRSS2
RUN2
VIN34
VOUT3
FB3
AUX3
CURRENT MODE
CONTROLLER
HOUSEKEEPING
CIRCUITRY
TRSS3
RUN3
VOUT4
FB4
AUX4
CURRENT MODE
CONTROLLER
TRSS4
RUN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com