Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4644
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 10Page - Analog Devices LTM4644 Datasheet HTML 11Page - Analog Devices LTM4644 Datasheet HTML 12Page - Analog Devices LTM4644 Datasheet HTML 13Page - Analog Devices LTM4644 Datasheet HTML 14Page - Analog Devices LTM4644 Datasheet HTML 15Page - Analog Devices LTM4644 Datasheet HTML 16Page - Analog Devices LTM4644 Datasheet HTML 17Page - Analog Devices LTM4644 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM8060
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN1
VOUT
RFB
(Ω)
CIN2
COUT
BIAS
CFF
fSW
(Hz)
RT
(Ω)
MAX fSW
(Hz)
MIN RT
(Ω)
3V to 40V
0.8V Open 4.7µF 50V X5R 1206 2 × 100µF 4V X5R 0805
3.2V to 10V
100pF
400k
100k
600k
64.9k
3V to 40V
1V
1M
4.7µF 50V X5R 1206 2 × 100µF 4V X5R 0805
3.2V to 10V
100pF
400k
100k
725k
52.3k
3V to 40V
1.2V
499k 4.7µF 50V X5R 1206 2 × 100µF 4V X5R 0805
3.2V to 10V
68pF
500k
76.8k
875k
42.2k
3.2V to 40V
1.5V
287k 4.7µF 50V X5R 1206 2 × 100µF 4V X5R 0805
3.2V to 10V
–
600k
64.9k
1M
35.7k
3.5V to 40V
1.8V
200k 4.7µF 50V X5R 1206 1 × 100µF 4V X5R 0805
3.2V to 10V
–
650k
59k
1.3M
25.5k
3.5V to 40V
2V
165k 4.7µF 50V X5R 1206 1 × 100µF 4V X5R 0805
3.2V to 10V
–
700k
54.9k
1.4M
23.2k
4.2V to 40V
2.5V
118k 4.7µF 50V X5R 1206
1 × 47µF 4V X5R 0805
3.2V to 10V
–
800k
46.4k
1.7M
18.2k
5.5V to 40V
3.3V 78.7k 4.7µF 50V X5R 1206 1 × 47µF 6.3V X5R 0805 3.2V to 10V
–
1M
35.7k
2.2M
12.7k
8.5V to 40V
5V
47.5k 4.7µF 50V X5R 1206 1 × 47µF 6.3V X5R 1206 3.2V to 10V
–
1.2M
27.4k
3M
8.06k
11V to 40V
8V
27.4k 4.7µF 50V X5R 1206 1 × 47µF 10V X5R 1206
3.2V to 10V
–
1.6M
19.6k
3M
8.06k
Note 1: The LTM8060 may be capable of the operating at lower input voltages but may skip switching cycles.
Note 2: A bulk input capacitor is required.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the mini-
mum recommended values for the associated operating
conditions. Applying capacitor values below those indi-
cated in Table 1 is not recommended and may result in
undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response,
if it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable. X5R
and X7R types are stable over temperature and applied
voltage and give dependable service. Other types, includ-
ing Y5V and Z5U have very large temperature and voltage
coefficients of capacitance. In an application circuit they
may have only a small fraction of their nominal capaci-
tance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are also piezoelectric. In Burst Mode
operation, the LTM8060’s switching frequency depends
on the load current, and can excite a ceramic capacitor
at audio frequencies, generating audible noise. Since the
LTM8060 operates at a lower current limit during Burst
Mode operation, the noise is typically very quiet to a
casual ear.
If this audible noise is unacceptable, use a high perfor-
mance electrolytic capacitor at the output. It may also be
a parallel combination of a ceramic capacitor and a low
cost electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8060. A
ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit.
If the LTM8060 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com