Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 1 Page - Texas Instruments

  LP5910 Datasheet HTML 1Page - Texas Instruments LP5910 Datasheet HTML 2Page - Texas Instruments LP5910 Datasheet HTML 3Page - Texas Instruments LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LP5910 300-mA Low-Noise, Low-IQ LDO
1 Features
• Input voltage range: 1.3 V to 3.3 V
• Output voltage range: 0.8 V to 2.3 V
• Output current: 300 mA
• PSRR: 75 dB at 1 kHz
• Output voltage tolerance: ±2%
• Low dropout: 120 mV (typical)
• Very low IQ (enabled, no load): 12 µA
• Low output-voltage noise: 12 µVRMS
• Stable with ceramic input and output capacitors
• Thermal overload protection
• Short-circuit protection
• Reverse current protection
• Automatic output discharge for fast turnoff
2 Applications
• Mobile phones and tablets
• Digital cameras and audio devices
• Portable and battery-powered equipment
• Portable medical equipment
• Virtual reality
• RF, PLL, VCO, and clock power supplies
• IP cameras
3 Description
The LP5910 is a low-noise LDO that can supply
up to 300 mA of output current. Designed to meet
the requirements of RF and analog circuits, this
device provides low noise, high PSRR, low quiescent
current, and superior line transient and load transient
response. Using new innovative design techniques
the LP5910 offers class-leading noise performance
without a noise bypass capacitor and with the option
for remote output capacitor placement.
The device contains a reverse current protection
circuit that prevents a reverse current flow through the
LDO to the IN pin when the input voltage is lower than
the output voltage.
When the Enable (EN) pin is low, and the output is
in an OFF state, an automatic output discharge circuit
discharges the output capacitance for fast turnoff.
With its low input and low output voltage range the
LP5910 is well-suited as a post DC-DC regulator
(post BUCK regulator) or for single- or dual-cell
applications.
The device is designed to work with a 1-μF input and
a 1-μF output ceramic capacitor. A separate noise
bypass capacitor is not required.
This device is available with fixed output voltages
from 0.8 V to 2.3 V in 25-mV steps. Contact Texas
Instruments Sales for specific voltage option needs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
LP5910
WSON (6)
2.00 mm × 2.00 mm (NOM)
DSBGA (4)
0.742 mm × 0.742 mm (MAX)
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
IN
OUT
GND
EN
LP5910
V
OUT
V
IN
Enable
C
OUT
C
IN
Simplified Schematic
www.ti.com
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: LP5910
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP5910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910 TI1-LP5910 Datasheet
1Mb / 29P
LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910 TI1-LP5910 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20 Datasheet
450Kb / 24P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20_V03 Datasheet
640Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com