Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 10Page - Texas Instruments LP5910 Datasheet HTML 11Page - Texas Instruments LP5910 Datasheet HTML 12Page - Texas Instruments LP5910 Datasheet HTML 13Page - Texas Instruments LP5910 Datasheet HTML 14Page - Texas Instruments LP5910 Datasheet HTML 15Page - Texas Instruments LP5910 Datasheet HTML 16Page - Texas Instruments LP5910 Datasheet HTML 17Page - Texas Instruments LP5910 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
located a distance of not more than 1 cm from the IN pin and returned to a clean analog ground. Any good
quality ceramic, tantalum, or film capacitor may be used at the input.
Note
Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low-
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used
at the input, it must be guaranteed by the manufacturer to have a surge current rating sufficient for
the application. There are no requirements for the equivalent series resistance (ESR) on the input
capacitor, but tolerance and temperature coefficient must be considered when selecting the capacitor
to ensure the capacitance remains 1 µF ±30% over the entire operating temperature range.
8.2.2.3 Output Capacitor
For capacitance values in the range of 1 µF to 4.7 µF, ceramic capacitors are the smallest, least expensive
and have the lowest ESR values, thus making them best for eliminating high frequency noise. The ESR of a
typical 1-µF ceramic capacitor is in the range of 20 mΩ to 40 mΩ, which easily meets the ESR requirement for
stability for the LP5910. The temperature performance of ceramic capacitors varies by type. Most large value
ceramic capacitors ( ≥ 2.2 µF) are manufactured with Z5U or Y5V temperature characteristics, which results in
the capacitance dropping by more than 50% as the temperature goes from 25°C to 85°C.
A better choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the
most stable and holds the capacitance within ±15% over the temperature range. Tantalum capacitors are
less desirable than ceramic for use as output capacitors because they are more expensive when comparing
equivalent capacitance and voltage ratings in the 1-µF to 4.7-µF range.
8.2.2.4 Capacitor Characteristics
The LP5910 is designed to work with ceramic capacitors on the input and output to take advantage of the
benefits they offer. For capacitance values in the range of 1 µF to 10 µF, ceramic capacitors are the smallest,
least expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise.
The ESR of a typical 1-µF ceramic capacitor is in the range of 20 mΩ to 40 mΩ, which easily meets the ESR
requirement for stability for the LP5910.
A better choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the
most stable and holds the capacitance within ±15% over the temperature range. Tantalum capacitors are
less desirable than ceramic for use as output capacitors because they are more expensive when comparing
equivalent capacitance and voltage ratings in the 1-µF to 10-µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within
the stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. Also, the ESR of a typical tantalum increases about 2:1 as the temperature
goes from 25°C down to –40°C, so some guard band must be allowed.
8.2.2.5 Remote Capacitor Operation
The LP5910 requires at least a 1-µF capacitor at the OUT pin, but there is no strict requirements about the
location of the capacitor in regards to the pin. In practical designs the output capacitor may be located up to
10 cm away from the LDO. This means that there is no need to have a special capacitor close to the OUT pin
if there is already respective capacitors in the system (like a capacitor at the input of supplied part). The remote
capacitor feature helps user to minimize the number of capacitors in the system.
As a good design practice, keep the wiring parasitic inductance at a minimum, using as wide as possible traces
from the LDO output to the capacitors, keeping the LDO output trace layer as close as possible to ground layer
and avoiding vias on the path. If there is a need to use vias, implement as many vias as possible between the
connection layers. It is recommended to keep parasitic wiring inductance less than 35 nH. For the applications
with fast load transients, an input capacitor is recommended, equal to or larger to the sum of the capacitance at
the output node, for the best load-transient performance.
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP5910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com