Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 11Page - Texas Instruments LP5910 Datasheet HTML 12Page - Texas Instruments LP5910 Datasheet HTML 13Page - Texas Instruments LP5910 Datasheet HTML 14Page - Texas Instruments LP5910 Datasheet HTML 15Page - Texas Instruments LP5910 Datasheet HTML 16Page - Texas Instruments LP5910 Datasheet HTML 17Page - Texas Instruments LP5910 Datasheet HTML 18Page - Texas Instruments LP5910 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
8.2.2.6 No-Load Stability
The LP5910 remains stable, and in regulation, with no external load.
8.2.2.7 Enable Control
The LP5910 may be switched to an ON or OFF state by a logic input at the EN pin. A voltage on this pin greater
than VIH turns the device on, while a voltage less than VIL turns the device off.
When the EN pin is low, the regulator output is off and the device typically consumes less than 1 µA. Additionally,
an output pulldown circuit is activated which ensures that any charge stored on COUT is discharged to ground.
If the application does not require the use of the shutdown feature, the EN pin can be tied directly to the IN pin to
keep the regulator output permanently on.
An internal 1-MΩ pulldown resistor ties the EN input to ground, ensuring that the device remains off if the EN pin
is left open circuit. To ensure proper operation, the signal source used to drive the EN pin must be able to swing
above and below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics under VIL and
VIH.
Table 8-2. Recommended Output Capacitor Specification
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Output capacitor, COUT
Capacitance for stability
0.7
1
10
µF
ESR
5
500
mΩ
8.2.2.8 Power Dissipation
Knowing the device power dissipation and proper sizing of the thermal plane connected to the tab or pad is
critical to ensuring reliable operation. Device power dissipation depends on input voltage, output voltage, and
load conditions and can be calculated with Equation 1.
PD(MAX) = (VIN(MAX) – VOUT) × IOUT(MAX)
(1)
Power dissipation can be minimized, and greater efficiency can be achieved, by using the lowest available
voltage drop option that would still be greater than the dropout voltage (VDO). However, keep in mind that higher
voltage drops result in better dynamic (that is, PSRR and transient) performance.
On the WSON (DRV) package, the primary conduction path for heat is through the exposed power pad to the
PCB. To ensure the device does not overheat, connect the exposed pad, through thermal vias, to an internal
ground plane with an appropriate amount of copper PCB area .
On the DSBGA (YKA) package, the primary conduction path for heat is through the four bumps to the PCB.
The maximum allowable junction temperature (TJ(MAX)) determines maximum power dissipation allowed
(PD(MAX)) for the device package.
Power dissipation and junction temperature are most often related by the junction-to-ambient thermal resistance
(RθJA) of the combined PCB and device package and the temperature of the ambient air (TA), according to
Equation 2 or Equation 3:
TJ(MAX) = TA(MAX) + (RθJA × PD(MAX))
(2)
PD(MAX) = (TJ(MAX) - TA(MAX)) / RθJA
(3)
Unfortunately, this RθJA is highly dependent on the heat-spreading capability of the particular PCB design,
and therefore varies according to the total copper area, copper weight, and location of the planes. The RθJA
recorded in Thermal Information is determined by the specific EIA/JEDEC JESD51-7 standard for PCB and
copper-spreading area, and is to be used only as a relative measure of package thermal performance. For
a well-designed thermal layout, RθJA is actually the sum of the package junction-to-case (bottom) thermal
resistance (RθJCbot) plus the thermal resistance contribution by the PCB copper area acting as a heat sink.
www.ti.com
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LP5910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com