Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 12Page - Texas Instruments OPA863 Datasheet HTML 13Page - Texas Instruments OPA863 Datasheet HTML 14Page - Texas Instruments OPA863 Datasheet HTML 15Page - Texas Instruments OPA863 Datasheet HTML 16Page - Texas Instruments OPA863 Datasheet HTML 17Page - Texas Instruments OPA863 Datasheet HTML 18Page - Texas Instruments OPA863 Datasheet HTML 19Page - Texas Instruments OPA863 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
7.9 Typical Characteristics: VS = 3 V (continued)
at VS+ = 3 V, VS– = 0 V, RF = 0 Ω for Gain = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ connected to 1
V, G = 1 V/V, input and output VCM = 1 V, and TA ≈ 25°C (unless otherwise noted)
Input Common-Mode Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-400
-200
0
200
400
600
800
1000
Measured for 10 units
Figure 7-25. Input Offset Voltage vs Input Common-Mode
Voltage
Input Common-Mode Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-1000
-750
-500
-250
0
250
500
750
1000
Figure 7-26. Input Bias Current vs Input Common-Mode Voltage
Output Current (mA)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
Sourcing
Sinking
Figure 7-27. Output Voltage vs Load Current
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-60
-40
-20
0
20
40
60
Sourcing
Sinking
Output saturated and then short-circuited to other supply
Figure 7-28. Output Short-Circuit Current vs Ambient
Temperature
OPA863, OPA2863
SBOS982C – JUNE 2020 – REVISED APRIL 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com