Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 19Page - Texas Instruments OPA863 Datasheet HTML 20Page - Texas Instruments OPA863 Datasheet HTML 21Page - Texas Instruments OPA863 Datasheet HTML 22Page - Texas Instruments OPA863 Datasheet HTML 23Page - Texas Instruments OPA863 Datasheet HTML 24Page - Texas Instruments OPA863 Datasheet HTML 25Page - Texas Instruments OPA863 Datasheet HTML 26Page - Texas Instruments OPA863 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
OPAx863
PD
RPU
VS+
VS–
CPU
Control
Logic
1M
1nF
Figure 8-2. Power Down Control
The choice of value of the pull-up resistor RPU in Figure 8-2 impacts the current consumption in power-down
mode. For the case of PD pin driven to VS-, the current IPU through RPU is given as,
−
−
Using a large RPU reduces IPU and the associated power consumption, but increases the noise at the PD pin
which could cause the amplifier to power-down. A 1 nF capacitor may be used in parallel with RPU to avoid
couping of external noise and false triggering.
8.4.2 Split-Supply Operation (±1.35 V to ±6.3 V)
See the OPA2863DGK Evaluation Module user guide for more information on how the OPAx863 devices can be
configured to allow for split-supply operation to facilitate testing with common lab equipment. This configuration
eases lab testing because the mid-point between the power rails is ground, and most signal generators, network
analyzers, oscilloscopes, spectrum analyzers, and other lab equipment reference the inputs and outputs to
ground. Figure 9-1 depicts the OPAx863 devices configured as a noninverting amplifier and Figure 9-2 illustrates
the OPAx863 devices configured as an inverting amplifier. For split-supply operation referenced to ground, the
power supplies VS+ and VS- are symmetrical around ground and VREF is at GND. Split-supply operation is
preferred in systems where the signals swing around ground because of the ease-of-use; however, the system
requires two supply rails.
8.4.3 Single-Supply Operation (2.7 V to 12.6 V)
Many newer systems use a single power supply to improve efficiency and reduce the cost of the extra power
supply. The OPAx863 devices can be used with a single supply (with the negative supply set to ground) with no
change in performance if the input and output are biased within the linear operation of the device. To change the
circuit from split supply to a balanced, single-supply configuration, level shift all voltages by half the difference
between the power-supply rails. An additional advantage of configuring an amplifier for single-supply operation is
that the effects of PSRR are minimized because the low-supply rail is grounded. See the Single-Supply Op Amp
Design Techniques application report for examples of single-supply designs.
www.ti.com
OPA863, OPA2863
SBOS982C – JUNE 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA863 OPA2863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com