Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 25Page - Texas Instruments OPA863 Datasheet HTML 26Page - Texas Instruments OPA863 Datasheet HTML 27Page - Texas Instruments OPA863 Datasheet HTML 28Page - Texas Instruments OPA863 Datasheet HTML 29Page - Texas Instruments OPA863 Datasheet HTML 30Page - Texas Instruments OPA863 Datasheet HTML 31Page - Texas Instruments OPA863 Datasheet HTML 32Page - Texas Instruments OPA863 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
9.6 Clamp-On Ultrasonic Flow Meter
Figure 9-10 shows how ultrasonic flow meters measure the rate of flow of a liquid using transit-time difference
(t12–t21), which depends on the flow rate. Figure 9-10 shows a representative schematic for a non-intrusive
ultrasonic flow meter using the OPAx863 devices and 12-V transducer excitation. The OPAx863 devices are
used for the forward path as a unity-gain buffer for 12-V pulsed transducer excitation at Node 1. At the same
time, the receiver circuit at Node 2, also using the OPAx863 devices, first provides an AC-gain followed by a
DC-level shift to lead to the PGA, ADC and processing within the MSP430 microcontroller.
Node 2 and Node 1 use similar transmit and receive circuits (discussed above) for the reverse path. The
OPAx863 devices wide GBW of 50 MHz introduces minimal phase-delay and low-noise for superior flow rate
measurement. The amplifier stays in power-down mode for a majority of the time in battery powered systems,
resulting in very small average system-level power consumption and prolonged battery lifetime with its 1.4 µA
(maximum) power-down mode quiescent current. Since the transmit and receive signal chains are connected
to the same point at the respective node transducers, the OPAx863's 12.6-V supply voltage capability enables
12-V transducer excitation without any damage to the front-end or need for external switches which makes a
compact solution. This makes the OPAx863 devices suitable for flow measurements in large diameter pipes and
non-intrusive flow meters.
TR
X1
+
±
OP Ax863
12 V
R
ISO
+
±
R
F
R
G
C
G
C
Filt
C
AC2
R¶
R¶
3.3 V
PGA
ADC
MSP430FR6043
OP Ax863
TR
X2
Processor
Transmitter
Receiver
Receiver
Transmitter
NODE-1
NODE-2
3.3 V
12 V
0 V
12 V
V
TX
0 V
12 V
V
TX
V
R X
V
R X
t
12
t
21
R
R
C
AC1
12 V
Figure 9-10. Non-Intrusive Ultrasonic Flow Meter
9.7 Variable Reference Generator Using MDAC
High-speed amplifiers may be used as a voltage buffer at MDAC output to generate a fast settling variable
reference voltage. Figure 9-11 shows a representative circuit using DAC8801 and OPAx863.
DAC8801
+
±
I
OUT
R
FB
V
REF
V
DD
+6V
-6V
OP Ax863
V
OU T
Figure 9-11. Variable Reference Generator Using MDAC and OPAx863
www.ti.com
OPA863, OPA2863
SBOS982C – JUNE 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA863 OPA2863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com