Electronic Components Datasheet Search
  English  ▼

X  

SBFP450M Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device SBFP450M Datasheet HTML 10Page - Sanyo Semicon Device SBFP450M Datasheet HTML 11Page - Sanyo Semicon Device SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device SBFP450M Datasheet HTML 14Page - Sanyo Semicon Device SBFP450M Datasheet HTML 15Page - Sanyo Semicon Device SBFP450M Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SBFP450M
No.7493-12/20
S パラメータ(エミッタ接地)
VCE=2V, IC=40mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.594
--146.6
32.741
114.8
0.020
50.8
0.603
--100.3
400
0.654
--164.5
18.011
97.3
0.027
52.0
0.505
--132.5
600
0.675
--172.3
12.077
87.7
0.035
55.0
0.496
--146.4
800
0.672
--177.9
9.051
82.3
0.043
59.0
0.463
--154.9
1000
0.672
178.3
7.201
78.2
0.051
61.1
0.455
--161.4
1200
0.670
174.0
6.020
74.5
0.060
61.6
0.446
--165.9
1400
0.667
170.0
5.148
70.9
0.070
61.8
0.441
--171.1
1600
0.663
166.6
4.532
67.2
0.078
61.1
0.434
--174.8
1800
0.661
162.8
4.032
64.2
0.088
59.7
0.427
--178.1
2000
0.660
159.2
3.648
60.7
0.098
58.1
0.419
178.6
2200
0.661
155.9
3.356
56.6
0.106
56.6
0.418
174.3
2400
0.662
152.3
3.072
53.8
0.115
54.3
0.420
170.9
2600
0.663
148.8
2.846
50.3
0.124
52.2
0.419
167.1
2800
0.661
145.5
2.648
47.1
0.132
50.2
0.420
163.8
3000
0.666
142.0
2.473
43.6
0.140
48.0
0.428
160.0
3200
0.669
138.8
2.322
40.4
0.148
46.0
0.434
156.1
3400
0.676
135.7
2.182
37.3
0.154
43.3
0.444
152.7
3600
0.683
132.6
2.059
34.1
0.161
41.2
0.451
149.5
3800
0.688
129.7
1.948
31.1
0.167
39.2
0.465
146.5
4000
0.694
127.0
1.847
28.1
0.173
36.7
0.475
143.7
4200
0.702
124.5
1.754
25.3
0.179
34.6
0.485
141.1
4400
0.708
122.0
1.671
22.4
0.183
33.0
0.493
138.6
4600
0.716
119.6
1.595
19.7
0.189
30.9
0.503
136.3
4800
0.723
117.1
1.528
17.0
0.194
28.6
0.511
134.2
5000
0.728
115.0
1.471
14.5
0.199
27.0
0.517
132.2
5200
0.734
112.7
1.414
11.8
0.202
25.1
0.522
130.3
5400
0.737
110.6
1.363
9.3
0.207
22.9
0.527
128.3
5600
0.738
108.4
1.320
6.8
0.213
21.2
0.532
126.5
5800
0.740
106.2
1.279
4.3
0.217
19.2
0.536
124.5
6000
0.738
101.5
1.225
0.5
0.219
15.7
0.542
120.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com