Electronic Components Datasheet Search
  English  ▼

X  

SBFP450M Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device SBFP450M Datasheet HTML 14Page - Sanyo Semicon Device SBFP450M Datasheet HTML 15Page - Sanyo Semicon Device SBFP450M Datasheet HTML 16Page - Sanyo Semicon Device SBFP450M Datasheet HTML 17Page - Sanyo Semicon Device SBFP450M Datasheet HTML 18Page - Sanyo Semicon Device SBFP450M Datasheet HTML 19Page - Sanyo Semicon Device SBFP450M Datasheet HTML 20Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SBFP450M
No.7493-17/20
S パラメータ(エミッタ接地)
VCE=3V, IC=40mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.565
--138.3
33.353
118.2
0.021
50.9
0.608
--90.1
400
0.633
--159.8
18.809
99.4
0.028
50.5
0.486
--123.3
600
0.658
--168.9
12.695
89.2
0.035
53.7
0.467
--138.8
800
0.656
--175.2
9.547
83.8
0.042
57.0
0.426
--147.7
1000
0.657
--179.3
7.603
79.0
0.051
58.1
0.419
--155.1
1200
0.653
176.0
6.357
75.0
0.059
59.7
0.407
--159.9
1400
0.650
171.9
5.422
71.3
0.067
60.5
0.401
--165.3
1600
0.648
168.4
4.772
67.7
0.076
59.5
0.394
--169.2
1800
0.646
164.4
4.225
64.4
0.085
58.9
0.387
--172.7
2000
0.645
160.8
3.843
60.9
0.094
57.8
0.381
--176.1
2200
0.646
157.5
3.504
57.3
0.102
55.9
0.379
179.3
2400
0.647
153.8
3.218
53.9
0.111
54.5
0.378
175.9
2600
0.648
150.2
2.978
50.3
0.119
52.2
0.378
172.0
2800
0.649
146.8
2.770
47.1
0.127
50.3
0.381
168.3
3000
0.652
143.4
2.587
43.7
0.135
48.3
0.386
164.4
3200
0.656
140.0
2.428
40.5
0.142
46.1
0.394
160.4
3400
0.662
136.8
2.282
37.3
0.150
43.8
0.403
156.9
3600
0.668
133.8
2.152
34.0
0.155
41.7
0.412
153.3
3800
0.675
130.9
2.039
31.0
0.161
39.8
0.425
150.3
4000
0.682
128.1
1.930
28.1
0.167
37.7
0.434
147.4
4200
0.690
125.6
1.837
25.2
0.173
35.8
0.447
144.8
4400
0.697
123.1
1.746
22.4
0.178
33.7
0.455
141.8
4600
0.706
120.5
1.667
19.5
0.183
31.8
0.467
139.5
4800
0.713
118.3
1.598
16.8
0.188
29.8
0.474
137.7
5000
0.719
116.0
1.535
14.3
0.193
28.0
0.482
135.5
5200
0.725
113.7
1.476
11.6
0.197
26.2
0.488
133.3
5400
0.728
111.6
1.420
8.9
0.203
24.1
0.494
131.5
5600
0.730
109.4
1.376
6.5
0.208
22.5
0.501
129.7
5800
0.733
107.2
1.332
3.8
0.212
20.4
0.504
127.5
6000
0.730
102.5
1.277
0.0
0.213
17.0
0.509
123.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com