Electronic Components Datasheet Search
  English  ▼

X  

SBFP450M Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 18 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device SBFP450M Datasheet HTML 14Page - Sanyo Semicon Device SBFP450M Datasheet HTML 15Page - Sanyo Semicon Device SBFP450M Datasheet HTML 16Page - Sanyo Semicon Device SBFP450M Datasheet HTML 17Page - Sanyo Semicon Device SBFP450M Datasheet HTML 18Page - Sanyo Semicon Device SBFP450M Datasheet HTML 19Page - Sanyo Semicon Device SBFP450M Datasheet HTML 20Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SBFP450M
No.7493-18/20
S パラメータ(エミッタ接地)
VCE=3V, IC=70mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.579
--152.1
35.449
114.7
0.017
54.6
0.578
--98.9
400
0.640
--167.2
19.475
97.3
0.025
56.7
0.477
--130.9
600
0.662
--173.8
13.051
87.8
0.032
61.0
0.469
--144.3
800
0.659
--179.1
9.810
82.8
0.041
64.0
0.432
--153.1
1000
0.658
177.4
7.823
78.3
0.049
64.4
0.430
--159.8
1200
0.655
173.2
6.515
74.3
0.059
64.9
0.419
--164.5
1400
0.654
169.3
5.569
71.0
0.068
64.8
0.411
--169.5
1600
0.650
166.1
4.878
67.6
0.076
63.9
0.407
--173.2
1800
0.647
162.3
4.340
64.4
0.086
62.2
0.400
--176.8
2000
0.646
158.8
3.923
60.9
0.095
60.5
0.394
--179.7
2200
0.647
155.7
3.583
57.6
0.104
58.7
0.392
175.9
2400
0.647
152.1
3.297
54.1
0.113
56.6
0.391
172.2
2600
0.648
148.6
3.053
50.7
0.122
54.5
0.391
168.7
2800
0.649
145.3
2.843
47.5
0.130
52.1
0.396
165.0
3000
0.653
142.0
2.653
44.1
0.139
49.8
0.401
161.5
3200
0.657
138.7
2.488
40.9
0.145
47.7
0.408
157.3
3400
0.663
135.6
2.341
37.9
0.152
45.4
0.418
154.2
3600
0.669
132.6
2.206
34.6
0.159
42.7
0.426
150.7
3800
0.675
129.9
2.090
31.6
0.165
40.8
0.439
147.7
4000
0.682
127.3
1.980
28.7
0.171
38.5
0.446
144.7
4200
0.691
124.7
1.879
25.9
0.177
36.8
0.458
142.3
4400
0.698
122.2
1.790
23.1
0.181
34.4
0.468
139.7
4600
0.706
119.8
1.709
20.3
0.187
32.3
0.480
137.0
4800
0.713
117.4
1.638
17.6
0.192
30.4
0.487
135.3
5000
0.719
115.3
1.573
15.1
0.197
28.3
0.493
133.4
5200
0.724
113.0
1.514
12.5
0.201
26.7
0.499
131.4
5400
0.727
111.0
1.457
9.8
0.206
24.5
0.506
129.4
5600
0.730
108.7
1.413
7.4
0.211
22.6
0.512
127.5
5800
0.732
106.5
1.368
4.9
0.216
20.7
0.513
125.6
6000
0.728
101.9
1.308
1.1
0.217
17.0
0.519
121.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com