Electronic Components Datasheet Search
  English  ▼

X  

ESDALD24BC Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # ESDALD24BC
Description  ESD Protection Diodes Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ESDALD24BC Datasheet(HTML) 1 Page - WeEn Semiconductors

  ESDALD24BC Datasheet HTML 1Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 2Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 3Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 4Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 5Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 6Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ESDALDxxBC series
ESD Protection Diodes Array
Rev.01 - 09 March 2021
Product data sheet
1. General description
The ESDALDxxBC series low capacitance transient voltage
suppressor arrays, designed to protect applications such as
portable electronics and SMART phones. This series is available in
bidirectional configurations and is rated at 350 Watts for an 8/20μs
waveshape. This series offers a low capacitance and low leakage
current in a miniature SOD323 package.
2. Features and benefits
• Peak pulse power 350W @ 8/20us waveform
• IEC 61000-4-2 (ESD) ±30kV(air), ±30kV(contact)
• Protects one directional I/O line
• Low leakage current
• Low clamping voltage
• Meet MSL level1
• Halogen free and RoHS compliant
3. Applications
• Cell Phone Handsets and Accessories
• Microprocessor based equipment
• Personal Digital Assistants (PDA’s)
• Notebooks, Desktops, and Servers
• Portable Instrumentation
• Peripherals
• USB Interface
5. Absolute maximum ratings
In accordance with the Absolute Maximum Rating System (IEC 60134).
Tj = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Values
Unit
Absolute maximum rating
VESD
ESD per IEC 61000-4-2 (air)
ESD per IEC 61000-4-2 (contact)
±30
±30
kV
kV
Tstg
storage temperature range
-55 to 150
°C
Tj
operating temperature range
-55 to 150
°C
1
2
RoHS
halogen-Free
4. Ordering information
Type number
Package
name
Orderable part number Packing
method
Small packing
quantity
Package
version
Package
issue date
ESDALDxxXX
SOD323
ESDALDxxXXX
Tape and reel
3000
SOD323
13-Oct-2020
ESDALD03BC
SOD323
ESDALD03BCX
Tape and reel
3000
SOD323
13-Oct-2020


Similar Part No. - ESDALD24BC

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDALD05UD4X TECHPUBLIC-ESDALD05UD4X Datasheet
3Mb / 4P
Low Capacitance TVS Diode Array
logo
WeEn Semiconductors
ESDALD18BC WEEN-ESDALD18BC Datasheet
351Kb / 6P
ESD Protection Diodes Array
ESDALD18BCX WEEN-ESDALD18BCX Datasheet
351Kb / 6P
ESD Protection Diodes Array
More results

Similar Description - ESDALD24BC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V2S18U PHILIPS-PESD5V2S18U Datasheet
86Kb / 8P
ESD protection array
2003 Apr 28
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G Datasheet
137Kb / 4P
ESD Protection Array
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
ESD protection array
2003 Apr 28
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
ESD Protection Array
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
ESD Protection Array
logo
Shanghai Leiditech Elec...
ULC3314P LEIDITECH-ULC3314P Datasheet
1Mb / 6P
ULTRA LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
WeEn Semiconductors
ESDALD18BC WEEN-ESDALD18BC Datasheet
351Kb / 6P
ESD Protection Diodes Array
logo
Rectron Semiconductor
ESD05LD RECTRON-ESD05LD Datasheet
280Kb / 5P
Ultra Low Capacitance ESD Protection Diodes Array
ESD05LDV RECTRON-ESD05LDV Datasheet
281Kb / 5P
Ultra Low Capacitance ESD Protection Diodes Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com