Electronic Components Datasheet Search
  English  ▼

X  

ESDALD24BC Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # ESDALD24BC
Description  ESD Protection Diodes Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ESDALD24BC Datasheet(HTML) 2 Page - WeEn Semiconductors

  ESDALD24BC Datasheet HTML 1Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 2Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 3Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 4Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 5Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 6Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WeEn Semiconductors
ESDALDxxBC
ESD Protection Diodes Array
ESDALDxxBC
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2021. All rights reserved
09 March 2021
2 / 5
6. Characteristics
Tj = 25 °C unless otherwise specified.
Product type Reverse Stand
off Voltage
VR
(V)
Min.
Breakdown
Voltage VBR @
IT = 1 mA
(V)
Max.
Clamping
Voltage VC @
Ipp = 1 A
(V)
Max.
Clamping
Voltage VC @
Max Ipp
(V)
Max. Peak
Pulse current
Ipp
(A)
Maximum
Reverse
Leakage
IR @ VR
(μA)
Typ. Cj
(pF) @
0 V,
1 MHz
ESDALD03BC
3.3
4.5
8.5
20
20
1
0.8
ESDALD05BC
5.0
6.5
10
21
15
1
0.8
ESDALD08BC
8.0
8.5
12
25
15
1
0.8
ESDALD12BC
12
13.3
19
35
10
1
0.8
ESDALD15BC
15
16.5
24
45
8
1
0.8
ESDALD24BC
24
26
34
55
6
1
0.8
ESDALD36BC
36
38
55
70
3
1
0.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com