Electronic Components Datasheet Search
  English  ▼

X  

ESDALD24BC Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # ESDALD24BC
Description  ESD Protection Diodes Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ESDALD24BC Datasheet(HTML) 4 Page - WeEn Semiconductors

  ESDALD24BC Datasheet HTML 1Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 2Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 3Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 4Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 5Page - WeEn Semiconductors ESDALD24BC Datasheet HTML 6Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WeEn Semiconductors
ESDALDxxBC
ESD Protection Diodes Array
ESDALDxxBC
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2021. All rights reserved
09 March 2021
4 / 5
Recommended pad outline
E
A
A1
A2
Dimensions In Millimeters
A
1.000
Min
Max
Symbol
A1
0.000
0.100
A2
0.8000.900
b
0.2500.350
c
0.080
0.150
D
1.2001.400
E
1.6001.800
E1
2.5002.700
0.475REF
L1
L
0.2500.400
D
C
Θ
0°
8°
L
E1
L1
b
2.15
0.7
0.2
Θ
Note:
1. Controlling dimension : in millimeters.
2. General tolerance:+/-0.05mm.
3. The pad layout is for reference purposes only.
0.7
Dimensions In Inches
0.039
Min
Max
0.0000.004
0.031
0.036
0.0100.014
0.0030.006
0.0470.055
0.063
0.071
0.1000.108
0.019REF
0.0100.016
0°
8°
SOD323
7. Package outline



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com