Electronic Components Datasheet Search
  English  ▼

X  

2SC5647 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5647
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5647 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5647 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5647
No.7326-3/7
1.0
23
5
7
10
23
0
1
3
4
7
2
5
6
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
NF -- IC
PC -- Ta
IT05352
IT05354
S21e2 -- IC
S21e2 -- IC
IT05350
IT05351
Zs=50
Ω
Zs=Zsopt
VCE=1V
f=2GHz
1.0
23
5
7
10
23
0
1
3
4
2
5
6
7
NF -- IC
IT05353
Zs=50
Ω
Zs=Zsopt
VCE=3V
f=2GHz
Collector Current, IC -- mA
Collector Current, IC -- mA
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
Collector Current, IC -- mA
1.0
23
5
7
10
23
0
8
6
4
2
10
12
14
16
18
VCE
=3V
1V
f=1GHz
0
4
2
6
8
10
12
14
16
18
1.0
23
5
7
10
23
VCE=3V
1V
f=2GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com