Electronic Components Datasheet Search
  English  ▼

X  

2SC5647 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # 2SC5647
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5647 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  2SC5647 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SC5647
No.7326-6/7
VCE=3V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.914
--9.39
9.445
168.58
0.017
85.01
0.968
--7.36
200
0.883
--18.11
9.067
158.60
0.033
79.17
0.942
--14.13
400
0.787
--33.64
8.064
140.96
0.059
69.73
0.858
--25.21
600
0.688
--46.19
7.025
126.79
0.080
62.55
0.769
--33.54
800
0.595
--55.36
6.045
115.37
0.095
60.36
0.693
--39.46
1000
0.525
--63.74
5.331
106.00
0.111
57.67
0.643
--43.99
1200
0.461
--69.74
4.711
97.73
0.122
55.55
0.596
--48.45
1400
0.407
--75.56
4.183
90.52
0.134
55.11
0.569
--50.94
1600
0.365
--80.10
3.809
84.27
0.148
54.32
0.545
--54.21
1800
0.326
--83.73
3.485
78.49
0.160
54.09
0.530
--57.07
2000
0.289
--87.26
3.193
73.22
0.174
53.36
0.521
--59.81
2200
0.256
--90.55
2.985
67.38
0.188
52.39
0.504
--63.16
2400
0.229
--91.48
2.731
62.95
0.198
49.90
0.488
--64.12
2600
0.206
--94.05
2.605
59.18
0.210
50.03
0.487
--67.57
2800
0.182
--95.06
2.429
54.38
0.223
49.09
0.475
--70.12
3000
0.168
--101.12
2.332
51.07
0.238
49.01
0.476
--73.01
VCE=3V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.833
--13.55
12.957
164.54
0.017
86.30
0.950
--8.98
200
0.788
--25.76
11.964
151.29
0.031
73.45
0.901
--16.77
400
0.641
--45.13
9.726
130.85
0.052
67.99
0.780
--27.64
600
0.522
--58.57
7.869
116.11
0.070
62.14
0.684
--33.93
800
0.434
--68.03
6.454
105.48
0.082
61.75
0.617
--38.12
1000
0.373
--75.94
5.505
97.08
0.097
60.68
0.578
--40.91
1200
0.326
--82.26
4.763
89.82
0.111
60.92
0.546
--44.25
1400
0.288
--87.99
4.167
83.20
0.124
60.80
0.529
--46.41
1600
0.257
--93.26
3.758
77.71
0.138
60.19
0.519
--49.35
1800
0.227
--97.38
3.421
72.32
0.152
59.04
0.511
--52.04
2000
0.200
--102.17
3.124
67.27
0.166
59.51
0.508
--55.02
2200
0.175
--107.18
2.901
62.01
0.183
58.22
0.497
--58.48
2400
0.152
--108.10
2.649
57.93
0.194
56.04
0.486
--59.63
2600
0.134
--114.11
2.525
54.31
0.207
55.95
0.490
--63.15
2800
0.117
--115.19
2.346
49.60
0.220
54.66
0.487
--65.86
3000
0.109
--123.96
2.244
46.64
0.235
54.47
0.484
--69.55



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com