Electronic Components Datasheet Search
  English  ▼

X  

2SC5647 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5647
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5647 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5647 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5647
No.7326-4/7
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.980
--4.64
3.184
173.92
0.018
87.45
0.989
--4.46
200
0.974
--9.08
3.149
168.04
0.037
81.31
0.985
--8.99
400
0.949
--17.90
3.074
156.88
0.074
74.92
0.961
--17.49
600
0.917
--26.50
2.982
146.19
0.105
68.33
0.931
--25.63
800
0.874
--34.19
2.846
136.13
0.130
61.26
0.889
--33.18
1000
0.834
--41.52
2.747
126.87
0.156
56.36
0.856
--39.69
1200
0.784
--48.34
2.632
117.51
0.174
50.83
0.813
--46.38
1400
0.735
--54.62
2.485
108.66
0.189
47.33
0.779
--51.51
1600
0.683
--60.42
2.378
100.84
0.206
44.50
0.750
--56.53
1800
0.631
--65.27
2.266
93.32
0.218
41.44
0.720
--61.00
2000
0.585
--69.61
2.150
86.30
0.228
38.58
0.700
--65.27
2200
0.537
--73.62
2.060
78.96
0.237
36.67
0.668
--69.40
2400
0.499
--76.51
1.924
73.23
0.244
33.19
0.644
--71.98
2600
0.461
--79.94
1.874
68.11
0.249
32.25
0.629
--75.82
2800
0.431
--82.38
1.769
62.29
0.256
30.78
0.610
--78.54
3000
0.403
--86.40
1.740
57.82
0.261
30.45
0.599
--82.32
VCE=1V, IC=3mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.940
--8.05
6.900
170.47
0.018
82.23
0.973
--6.55
200
0.916
--15.62
6.735
161.75
0.036
78.95
0.954
--12.89
400
0.847
--29.59
6.246
145.63
0.068
70.33
0.890
--24.03
600
0.766
--42.00
5.650
132.05
0.091
62.49
0.814
--33.09
800
0.678
--51.87
5.010
120.51
0.109
58.57
0.745
--40.07
1000
0.608
--60.41
4.527
110.61
0.127
54.45
0.689
--45.55
1200
0.539
--67.61
4.060
101.81
0.140
51.41
0.641
--50.89
1400
0.481
--73.78
3.652
93.86
0.152
50.45
0.605
--54.50
1600
0.433
--79.23
3.373
86.73
0.166
49.15
0.579
--58.22
1800
0.384
--83.57
3.087
80.47
0.175
48.56
0.556
--61.39
2000
0.345
--87.53
2.858
74.52
0.189
47.23
0.542
--64.54
2200
0.306
--91.18
2.670
68.63
0.201
46.27
0.525
--67.92
2400
0.275
--93.01
2.454
63.79
0.211
44.51
0.505
--69.53
2600
0.246
--96.79
2.349
59.54
0.219
44.41
0.502
--72.68
2800
0.221
--97.68
2.194
54.49
0.233
43.78
0.490
--75.21
3000
0.204
--103.64
2.114
50.98
0.245
43.82
0.482
--78.68
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.897
--10.85
9.509
167.50
0.018
78.84
0.957
--8.01
200
0.860
--20.99
9.048
156.52
0.035
78.42
0.924
--15.54
400
0.751
--38.88
7.900
137.52
0.063
66.85
0.827
--24.31
600
0.641
--52.71
6.723
1228.80
0.083
61.20
0.732
--35.56
800
0.543
--62.52
5.701
111.18
0.099
57.31
0.659
--41.25
1000
0.475
--71.29
4.975
101.88
0.113
56.31
0.610
--45.39
1200
0.413
--78.25
4.359
93.79
0.125
54.36
0.565
--49.69
1400
0.364
--84.25
3.854
86.68
0.139
54.26
0.539
--52.27
1600
0.323
--89.98
3.490
80.46
0.152
53.46
0.522
--55.64
1800
0.288
--94.38
3.189
74.56
0.163
52.95
0.509
--58.40
2000
0.254
--99.32
2.923
69.18
0.177
52.45
0.501
--61.31
2200
0.223
--103.64
2.718
63.57
0.191
51.87
0.488
--64.67
2400
0.196
--104.93
2.492
59.07
0.202
49.64
0.476
--66.11
2600
0.173
--110.64
2.373
55.28
0.218
50.38
0.476
--69.50
2800
0.153
--111.86
2.206
50.32
0.230
48.22
0.468
--72.24
3000
0.139
--119.39
2.118
47.36
0.244
48.56
0.467
--75.63



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com