Electronic Components Datasheet Search
  English  ▼

X  

54U Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 54U
Description  Power Transducer Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

54U Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  54U Datasheet HTML 1Page - M-System Co.,Ltd. 54U Datasheet HTML 2Page - M-System Co.,Ltd. 54U Datasheet HTML 3Page - M-System Co.,Ltd. 54U Datasheet HTML 4Page - M-System Co.,Ltd. 54U Datasheet HTML 5Page - M-System Co.,Ltd. 54U Datasheet HTML 6Page - M-System Co.,Ltd. 54U Datasheet HTML 7Page - M-System Co.,Ltd. 54U Datasheet HTML 8Page - M-System Co.,Ltd. 54U Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MODEL: 54U
54U SPECIFICATIONS
ES-6487 Rev.10 Page 3/10
http://www.m-system.co.jp/
Active / reactive / apparent power, Power factor, Frequency,
Harmonic contents
■ Open Collector
Programmable for either alarm or energy count.
Max. rated load: 130 V DC @50 mA
Continuous rated load: 130 V DC @30 mA
Saturation voltage: 1.5 V DC
Measurands applicable to alarm: Voltage, current, current
intervals, neutral current, frequency, energy, energy
intervals
(ON delay, deadband and other parameters are selectable)
Measurands applicable to count: Energy;
Pulse rate selectable within
0.1 – 10 000.0 kWh/p, kvarh/p, kVAh/p
INSTALLATION
Power consumption
•AC: < 8 VA; Less than 13 VA for 'External interface' code 7
and 9
•DC: < 4 W; Less than 6 W for 'External interface' code 7
and 9
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +80°C (-4 to +176°F)
Operating humidity: 0 to 90 %RH (non-condensing)
Mounting: Panel flush mounting (M5 screws (torque 2 N·m)
or mounting brackets)
Weight
Configuration Code 1: 500 g (1.1 lb)
Configuration Code 2: 525 g (1.16 lb)
PERFORMANCE
Accuracy
(at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz)
Voltage: (accur.±0.3 %)
Rated voltage at ≥ 100 V
100 V at < 100 V
Current: (accur.±0.3 %)of Span 1 A or 5 A
Power: (accur.±0.5 %)
Rated voltage/current at ≥ 100 V
Wattage as listed below at < 100 V:
173.2 W (1 A) or 866 W (5 A) for 3 ph/3 w
100 W (1 A) or 500 W (5 A) for 1 ph/2 w
200 W (1 A) or 1000 W (5 A) for 1 ph/3 w
300 W (1 A) or 1500 W (5 A) for 3 ph/4 w
PF: (accur.±0.5 %)
Frequency: (accur.±0.1 %) of span
Energy: (accur.±1 %)
Harmonic: (accur.±1 %) of span
Analog output: Accuracy of assigned measurand or ±0.2 %,
whichever is greater.
Sampling rate: 64 samples per cycle
Data update period:
Harmonic contents and frequency: ≤ 1.1 sec.
Other: ≤ 600 msec.
Response time: ≤ 2 sec. (0 – 99 %),
≤ 3 sec. for frequency and harmonic contents
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input to discrete input to Modbus
or analog output to discrete output to power)
500 V AC @1 minute for 'External interface' code 7, 8, 9 and
A (between each analog output)
2000 V AC @1 minute (circuits to housing)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com