Electronic Components Datasheet Search
  English  ▼

X  

54U Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 54U
Description  Power Transducer Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

54U Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  54U Datasheet HTML 1Page - M-System Co.,Ltd. 54U Datasheet HTML 2Page - M-System Co.,Ltd. 54U Datasheet HTML 3Page - M-System Co.,Ltd. 54U Datasheet HTML 4Page - M-System Co.,Ltd. 54U Datasheet HTML 5Page - M-System Co.,Ltd. 54U Datasheet HTML 6Page - M-System Co.,Ltd. 54U Datasheet HTML 7Page - M-System Co.,Ltd. 54U Datasheet HTML 8Page - M-System Co.,Ltd. 54U Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MODEL: 54U
54U SPECIFICATIONS
ES-6487 Rev.10 Page 4/10
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS
92
+0.8 (3.65)
0 (3.63)
Panel thickness : 2 to 15 (.08 to .59)
45 (1.77)
45 (1.77)
■ PANEL CUTOUT unit: mm (inch)
• USING MOUNTING SCREWS
Remove the mounting brackets.
• USING MOUNTING BRACKETS
Remove the mounting screws.
Panel thickness : 2 to 10 (.08 to .39)
2–6 (.24) dia.
EXTERNAL VIEW
∑
IU
PQS
PF THD
MAX
E PRG ESC
2
2
• CONFIGURATION CODE: 2
• CONFIGURATION CODE: 1
Auxiliary Power
Supply Terminals
Auxiliary Power
Supply Terminals
■ FRONT VIEW
■ REAR VIEW
Discrete I/O
Terminals
Infrared Interface
Voltage Input
Terminals
Current Input
Terminals
Modbus / Analog Output
Terminals
Control Buttons
Data Displays
Discrete I/O
Terminals
Current Input
Terminals
Voltage Input
Terminals
Modbus / Analog Output
Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com