Electronic Components Datasheet Search
  English  ▼

X  

54U Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 54U
Description  Power Transducer Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

54U Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button 54U Datasheet HTML 2Page - M-System Co.,Ltd. 54U Datasheet HTML 3Page - M-System Co.,Ltd. 54U Datasheet HTML 4Page - M-System Co.,Ltd. 54U Datasheet HTML 5Page - M-System Co.,Ltd. 54U Datasheet HTML 6Page - M-System Co.,Ltd. 54U Datasheet HTML 7Page - M-System Co.,Ltd. 54U Datasheet HTML 8Page - M-System Co.,Ltd. 54U Datasheet HTML 9Page - M-System Co.,Ltd. 54U Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MODEL: 54U
54U SPECIFICATIONS
ES-6487 Rev.10 Page 7/10
http://www.m-system.co.jp/
T3
T4
T2
T1
Term.
Resist.
+
–
Shielded Twisted-pair Cable
Jumper *1
V(–)
U(+)
DO/PO–
DO/PO+
DO/PO–
DO/PO+
DI –
DI +
DISCRETE
INPUT
DISCRETE
OUTPUT
DO/PO–
DO/PO+
DI –
DI +
DISCRETE
INPUT
DISCRETE
OUTPUT
• Discrete Input Connection E.g.
+
-
• Discrete Output Connection E.g.
+
-
DI +
DI –
To other
Modbus devices
■ EXTERNAL INTERFACE CODE: 1
V(–)
U(+)
AO4 –
AO4 +
AO3 –
AO3 +
ANALOG
OUTPUT 3
ANALOG
OUTPUT 4
AO2 –
AO2 +
AO1 –
AO1 +
ANALOG
OUTPUT 1
ANALOG
OUTPUT 2
■ EXTERNAL INTERFACE CODE: 2, 3, 7, 8
T3
T4
T2
T1
Term.
Resist.
+
–
Shielded Twisted-pair Cable
Jumper *1
V(–)
U(+)
DO/PO2–
DO/PO2+
DO/PO1–
DO/PO1+
DISCRETE
OUTPUT 1
DISCRETE
OUTPUT 2
DO/PO2–
DO/PO2+
DO/PO1–
DO/PO1+
DISCRETE
OUTPUT 1
DISCRETE
OUTPUT 2
To other
Modbus devices
■ EXTERNAL INTERFACE CODE: 4
V(–)
U(+)
AO4 –
AO4 +
AO3 –
AO3 +
ANALOG
OUTPUT 3
ANALOG
OUTPUT 4
AO2 –
AO2 +
AO1 –
AO1 +
ANALOG
OUTPUT 1
ANALOG
OUTPUT 2
■ EXTERNAL INTERFACE CODE: 5, 6, 9, A
*1. When the device is located at the end of a transmission line via
twisted-pair cable, (when there is no cross-wiring), close across the
terminal T2 – T3 with a leadwire.
When the device is not at the end, no shortcircuit wire is required.
*2. For ‘External interface’ code 7, 8, 9 and A, the analog outputs are
isolated between each other.
*2
*2
AUXILIARY POWER
AUXILIARY POWER
AUXILIARY POWER
AUXILIARY POWER
MODBUS WIRING CONNECTION
R2K-1
T1
T2
T3
T4
54U
T1
T2
T3
T4
T1
T2
T3
T4
54U
RS-232-C
RS-485
*1
*1
*1. Internal terminating resistor is used when the device is at the end of a transmission line.
*2. Install shield cables to all sections and ground them at single point.
*2
FG
RS-485



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com