Electronic Components Datasheet Search
  English  ▼

X  

3211948 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3211948
Description  Plug - PP-H 4/ 1-L
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211948 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3211948 Datasheet HTML 1Page - PHOENIX CONTACT 3211948 Datasheet HTML 2Page - PHOENIX CONTACT 3211948 Datasheet HTML 3Page - PHOENIX CONTACT 3211948 Datasheet HTML 4Page - PHOENIX CONTACT 3211948 Datasheet HTML 5Page - PHOENIX CONTACT 3211948 Datasheet HTML 6Page - PHOENIX CONTACT 3211948 Datasheet HTML 7Page - PHOENIX CONTACT 3211948 Datasheet HTML 8Page - PHOENIX CONTACT 3211948 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
https://www.phoenixcontact.com/pi/products/3211948
06/30/2020   Page 3 / 14
Plug - PP-H 4/ 1-L - 3211948
Technical data
Connection data
Conductor cross section flexible, with ferrule without plastic sleeve max. 4 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
4 mm²
Two conductors with the same cross section, flexible, with TWIN
ferrules, with plastic sleeve, minimum
0.5 mm²
Two conductors with the same cross section, flexible, with TWIN
ferrules, with plastic sleeve, maximum
1 mm²
Connection cross sections directly pluggable
0.5 mm² 6 mm²
Conductor cross section solid min.
0.5 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 4 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
4 mm²
Internal cylindrical gage
A4
Standards and Regulations
Connection in acc. with standard
CUL
IEC 61984
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com