Electronic Components Datasheet Search
  English  ▼

X  

3211948 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 3211948
Description  Plug - PP-H 4/ 1-L
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211948 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 3211948 Datasheet HTML 6Page - PHOENIX CONTACT 3211948 Datasheet HTML 7Page - PHOENIX CONTACT 3211948 Datasheet HTML 8Page - PHOENIX CONTACT 3211948 Datasheet HTML 9Page - PHOENIX CONTACT 3211948 Datasheet HTML 10Page - PHOENIX CONTACT 3211948 Datasheet HTML 11Page - PHOENIX CONTACT 3211948 Datasheet HTML 12Page - PHOENIX CONTACT 3211948 Datasheet HTML 13Page - PHOENIX CONTACT 3211948 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
https://www.phoenixcontact.com/pi/products/3211948
06/30/2020   Page 14 / 14
Plug - PP-H 4/ 1-L - 3211948
Accessories
Zack Marker strip, flat - ZBF 6:UNBEDRUCKT - 0808710
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting
type: snap into flat marker groove, for terminal block width: 6.2 mm, lettering field size: 5.15 x 6.15 mm, Number of
individual labels: 10
 
 
Marker for terminal blocks - UC-TMF 6 - 0818140
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, mounting type: snap into flat marker groove, for terminal block
width: 6.2 mm, lettering field size: 5.6 x 5.1 mm, Number of individual labels: 80
 
 
Marker for terminal blocks - UCT-TMF 6 - 0828746
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK LASER,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME, THERMOMARK CARD 2.0,
THERMOMARK CARD, mounting type: snap into flat marker groove, for terminal block width: 6.2 mm, lettering field
size: 5.4 x 4.7 mm, Number of individual labels: 60
 
 
Test plug terminal block
Test plugs - MPS-MT - 0201744
Test plugs, with solder connection up to 1 mm² conductor cross section, color: gray
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com