Electronic Components Datasheet Search
  English  ▼

X  

3211948 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 3211948
Description  Plug - PP-H 4/ 1-L
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211948 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 3211948 Datasheet HTML 3Page - PHOENIX CONTACT 3211948 Datasheet HTML 4Page - PHOENIX CONTACT 3211948 Datasheet HTML 5Page - PHOENIX CONTACT 3211948 Datasheet HTML 6Page - PHOENIX CONTACT 3211948 Datasheet HTML 7Page - PHOENIX CONTACT 3211948 Datasheet HTML 8Page - PHOENIX CONTACT 3211948 Datasheet HTML 9Page - PHOENIX CONTACT 3211948 Datasheet HTML 10Page - PHOENIX CONTACT 3211948 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
https://www.phoenixcontact.com/pi/products/3211948
06/30/2020   Page 7 / 14
Plug - PP-H 4/ 1-L - 3211948
Approvals
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
B
C
Nominal voltage UN
600 V
600 V
Nominal current IN
28 A
28 A
mm²/AWG/kcmil
24-10
24-10
EAC 
 
 RU C-
DE.BL08.B.00511
cULus Recognized 
 
 
Accessories
Accessories
Cable housing
Cable housing - PH 4/2 - 3000734
Cable housing, pitch: 6.2 mm, length: 21 mm, width: 12.4 mm, height: 52.3 mm, number of positions: 2, color: gray
 
 
Cable housing - PH 4/3 - 3000736
Cable housing, pitch: 6.2 mm, length: 21 mm, width: 18.6 mm, height: 52.3 mm, number of positions: 3, color: gray
 
 
Cable housing - PH 4/4 - 3000737
Cable housing, pitch: 6.2 mm, length: 21 mm, width: 24.8 mm, height: 52.3 mm, number of positions: 4, color: gray
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com