Electronic Components Datasheet Search
  English  ▼

X  

60S Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 60S
Description  Field Network Modules 60-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60S Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  60S Datasheet HTML 1Page - M-System Co.,Ltd. 60S Datasheet HTML 2Page - M-System Co.,Ltd. 60S Datasheet HTML 3Page - M-System Co.,Ltd. 60S Datasheet HTML 4Page - M-System Co.,Ltd. 60S Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: 60S
60S SPECIFICATIONS
ES-6612 Rev.3 Page 5/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
14
(.55)
38 (1.50)
72 (2.83)
109 (4.29)
139 (5.47)
[3.3 (.13)]
CLAMP
(top & bottom)
DIN RAIL
35mm wide
•When mounting, no extra space is needed between units.
60 (2.36)
72 (2.83)
7.8 (.31)
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
12
5
6
14
11
1
10
15
4
3
2
7
9
8
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
A
Control
Circuit
B
C
D
E
F
Ry
TERMINATING RESISTOR
TWISTED PAIR
RUN CONTACT
OUTPUT
+
−
Transceiver
Circuit
*1. When the unit is located at the end of transmission line via twisted-pair cable (= no cross-wiring), short across terminals C – D with the jumper pin (or wire) provided with the unit.
Remove the jumper pin for the one not located at the end.
JUMPER PIN *1
TO OTHER
SIN-NET DEVICES
SERIAL TRANSMISSION LINE
Modular Jack
for Factory
Calibration
MODULAR JACK
Station No. Setting Rotary SW
LED
A/D or D/A
Converter
Transmission
POWER
7
14
8
U(+)
V(−)
GROUNDING FG1
To 10-RACK,
18-RACK etc.
Isolation
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com