Electronic Components Datasheet Search
  English  ▼

X  

60S Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 60S
Description  Field Network Modules 60-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60S Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  60S Datasheet HTML 1Page - M-System Co.,Ltd. 60S Datasheet HTML 2Page - M-System Co.,Ltd. 60S Datasheet HTML 3Page - M-System Co.,Ltd. 60S Datasheet HTML 4Page - M-System Co.,Ltd. 60S Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 60S
60S SPECIFICATIONS
ES-6612 Rev.3 Page 2/5
http://www.m-system.co.jp/
COMMUNICATION
Configuration: Multi-drop
Standard: Conforms to EIA RS-422
Communication: 2-wire, half-duplex
Transmission speed: 125 kbps
Control procedure: SDLC
Data encoding: NRZ
Protocol: SIN-NET (M-System's)
Error check: CRC
Transmission distance: 500 m
Transmission media: Twisted-pair cable CPEV-0.9 dia.
Station No.: Rotary switch
Terminator: Incorporated (remove jumper pin with those
modules not located at the end of transmission line)
INPUT SPECIFICATIONS
■ Analog Input
Input range: 1 – 5 V DC
Input resistance: ≥ 1 MΩ
10-RACK and 18-RACK I/O modules must be isolated types.
Non-isolated modules such as 10BW and 18BW are not
usable.
• Input Connector Pin Assignment
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
Input 1
2
COM
3
Input 2
4
COM
5
Input 3
6
COM
7
Input 4
8
COM
9
Input 5
10
COM
11
Input 6
12
COM
13
Input 7
14
COM
15
Input 8
16
COM
17
Input 9
18
COM
19
Input 10
20
COM
21
Input 11
22
COM
23
Input 12
24
COM
25
Input 13
26
COM
27
Input 14
28
COM
29
Input 15
30
COM
31
Input 16
32
COM
33
No connection
34
No connection
OUTPUT SPECIFICATIONS
■ Analog Output
Output must be isolated with signal conditioners.
When the transmission line is open, the last value sampled
before failure is held.
Output range: 1 – 5 V DC
Load resistance: 20 kΩ minimum
10-RACK and 18-RACK I/O modules must be isolated types.
Non-isolated modules such as 10BW and 18BW are not
usable.
• Output Connector Pin Assignment
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
Output 1
2
COM
3
Output 2
4
COM
5
Output 3
6
COM
7
Output 4
8
COM
9
Output 5
10
COM
11
Output 6
12
COM
13
Output 7
14
COM
15
Output 8
16
COM
17
Output 9
18
COM
19
Output 10
20
COM
21
Output 11
22
COM
23
Output 12
24
COM
25
Output 13
26
COM
27
Output 14
28
COM
29
Output 15
30
COM
31
Output 16
32
COM
33
No connection
34
No connection
INSTALLATION
Power consumption
•AC: Approx. 4 VA
•DC: Approx. 4 W (160 mA)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
A/D conversion: ±0.1 %
D/A conversion: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Permissible power failure duration: ≤ 10 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input or output
to SIN-NET to RUN contact output to power)
2000 V AC @ 1 minute (input or output or SIN-NET or RUN
contact output or power to FG1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com