Electronic Components Datasheet Search
  English  ▼

X  

60S Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 60S
Description  Field Network Modules 60-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60S Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  60S Datasheet HTML 1Page - M-System Co.,Ltd. 60S Datasheet HTML 2Page - M-System Co.,Ltd. 60S Datasheet HTML 3Page - M-System Co.,Ltd. 60S Datasheet HTML 4Page - M-System Co.,Ltd. 60S Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 60S
60S SPECIFICATIONS
ES-6612 Rev.3 Page 1/5
http://www.m-system.co.jp/
Field Network Modules 60-UNIT Series
ANALOG I/O MODULE
(Multiplex Transmission System)
Functions & Features
• Interfacing analog I/O signals from/to 10-RACK or 18-RACK
modules with Multiplex Transmission System
• Saving power and I/O wiring inside an instrumentation
panel
72
(2.83)
80 (3.15)
mm (inch)
678
678
153 (6.02)
MODEL: 60S-16[1]-[2][3]
ORDERING INFORMATION
• Code number: 60S-16[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. 60S-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
NO. OF CHANNELS
16: 16 points
[1] I/O TYPE
1: Input
2: Output
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
•Special cable (model: MCN34)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
SIN-NET, RUN contact output: Euro type connector
terminal (applicable wire size: 0.2 to 2.5 mm2, stripped
length 7 mm)
I/O: 34-pin connector (OMRON XG4A-3434)
Power input: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: I/O to SIN-NET to RUN contact output to power to
FG1
Power indicator: Red LED turns ON in normal conditions;
OFF when the voltage level becomes low.
RUN indicator: Red LED turns ON when the selfdiagnosis
proves normal, OFF in an abnormality.
■ RUN Contact Output: Contact opens at error
Rated load: 30 V DC @ 0.4 A (resistive load)
Maximum switching voltage: 125 V DC
Maximum switching power: 60 W
Minimum load: 10 mV DC @ 1 mA
Mechanical life: 5 x 107 cycles
Self-diagnosis
Communication: The receiver modules detect loss of
communication and wire break.
CPU: Watch-dog timer
Memory: Sum check
Power voltage: Detects when the voltage supply to the
CPU drops.


Similar Part No. - 60S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
60S MICROSEMI-60S Datasheet
100Kb / 2P
6 AMP AXIAL-LEAD SILICON RECTIFIER DIODES
logo
Ohmite Mfg. Co.
60S OHMITE-60S Datasheet
331Kb / 2P
Surface Mount Metal Plate Current Sense
logo
Micro Commercial Compon...
60S05 MCC-60S05 Datasheet
84Kb / 2P
Rectifier 50 - 1000 Volts 6 Amp Axial-Lead Glass Passivated
logo
Microsemi Corporation
60S05 MICROSEMI-60S05 Datasheet
100Kb / 2P
6 AMP AXIAL-LEAD SILICON RECTIFIER DIODES
logo
Shanghai Lunsure Electr...
60S05 CHENYI-60S05 Datasheet
57Kb / 2P
6 Amp Axial-Lead Glass Passivated Rectifier 50-1000Volts
More results

Similar Description - 60S

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60C MSYSTEM-60C Datasheet
142Kb / 4P
Field Network Modules 60-UNIT Series
60D MSYSTEM-60D Datasheet
140Kb / 4P
Field Network Modules 60-UNIT Series
60F MSYSTEM-60F Datasheet
134Kb / 4P
Field Network Modules 60-UNIT Series
60M MSYSTEM-60M Datasheet
185Kb / 5P
Field Network Modules 60-UNIT Series
61A MSYSTEM-61A Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61C MSYSTEM-61C Datasheet
111Kb / 4P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61F MSYSTEM-61F Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61M MSYSTEM-61M Datasheet
152Kb / 5P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com