Electronic Components Datasheet Search
  English  ▼

X  

AEPT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # AEPT
Description  Limit Alarms (with DC output) AE-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AEPT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  AEPT Datasheet HTML 1Page - M-System Co.,Ltd. AEPT Datasheet HTML 2Page - M-System Co.,Ltd. AEPT Datasheet HTML 3Page - M-System Co.,Ltd. AEPT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: AEPT
AEPT SPECIFICATIONS
ES-0138 Rev.4 Page 3/4
http://www.m-system.co.jp/
PERFORMANCE in percentage of span
•DC output
Accuracy: ±0.2 %
Response time: ≤ 0.9 sec. (0 – 90 %)
•Alarm output
Setpoint accuracy: ±0.7 %
Hysteresis (Deadband) setpoint accuracy: ±0.3 %
ON delay time accuracy: Rating ±20 % or 0.9 sec.,
whichever is greater.
Power ON delay time accuracy: Rating ±30 %
Trip point repeatability: ±0.05 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to DC output to alarm output 1 to alarm output 2 to
power to ground)
EXTERNAL VIEW
Hysteresis (Deadband)
Adj. Thumbwheel SW
Setpoint Adj.
Thumbwheel SW
Monitor LED
Monitor LED
Hysteresis (Deadband)
Adj. Thumbwheel SW
• OUTPUT 2
•
OUTPUT 1
Setpoint Adj.
Thumbwheel SW
9
9
9
9
9
9
Span Adj.
Zero Adj.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
50 (1.97)
72 (2.83)
[3.3 (.13)]
60 (2.36)
72 (2.83)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
• When mounting, no extra space is needed between units.
12
5
6
14
11
1
10
15
4
3
2
7
9
8
103 (4.06)
132 (5.20)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com