Electronic Components Datasheet Search
  English  ▼

X  

AEPT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # AEPT
Description  Limit Alarms (with DC output) AE-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AEPT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  AEPT Datasheet HTML 1Page - M-System Co.,Ltd. AEPT Datasheet HTML 2Page - M-System Co.,Ltd. AEPT Datasheet HTML 3Page - M-System Co.,Ltd. AEPT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: AEPT
AEPT SPECIFICATIONS
ES-0138 Rev.4 Page 1/4
http://www.m-system.co.jp/
Limit Alarms (with DC output) AE-UNIT
PT ALARM
Functions & Features
• Providing SPDT relay outputs at preset AC voltage levels
from an AC voltage transformer
• Dual (Hi/Lo) trip
• Additional isolated DC output proportional to the input
• True RMS sensing
• Energized or de-energized coil at a tripped condition
selectable
• Thumbwheel switch adjustments
• Relays can be powered 110 V DC
4
4
1
6
6
1
72
(2.83)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: AEPT–[1][2][3][4][5][6]–[7][8]
ORDERING INFORMATION
• Code number: AEPT-[1][2][3][4][5][6]-[7][8]
Specify a code from below for each [1] through [8].
(e.g. AEPT-621101-D/Q)
• Special DC output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Voltage
1: 0 – 110 V AC
2: 0 – 220 V AC
5: 0 – 150 V AC
6: 0 - 300 V AC
[2] DC OUTPUT
N: None
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
B: 2 – 10 mA DC (Load resistance 700 Ω max.)
C: 1 – 5 mA DC (Load resistance 1400 Ω max.)
D: 0 – 20 mA DC (Load resistance 350 Ω max.)
E: 0 – 16 mA DC (Load resistance 430 Ω max.)
F: 0 – 10 mA DC (Load resistance 700 Ω max.)
G: 0 – 1 mA DC (Load resistance 7000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] SETPOINT 1 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[4] SETPOINT 2 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[5] ON DELAY TIME
0: 0.5 seconds
1: 1 second
2: 2 seconds
3: 3 seconds
4: 4 seconds
[6] POWER ON DELAY TIME
1: 1 second
2: 2 seconds
3: 3 seconds
4: 4 seconds
5: 5 seconds


Similar Part No. - AEPT

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AEP PANASONICBATTERY-AEP Datasheet
216Kb / 9P
EP RELAYS
logo
XP Power Limited
AEP XPPOWER-AEP Datasheet
148Kb / 3P
Continous Short Circuit Protection
logo
Weidmuller
AEP 2T 4 WEIDMULLER-AEP 2T 4 Datasheet
127Kb / 2P
A-series
05 May 2020 07:00:42
logo
Allied Components Inter...
AEP-108SI ALLIED-AEP-108SI Datasheet
337Kb / 1P
EP5 ADSL Transformer
AEP-158S ALLIED-AEP-158S Datasheet
287Kb / 1P
AUDIO TRANSFORMER
More results

Similar Description - AEPT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AEAC MSYSTEM-AEAC Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEAD MSYSTEM-AEAD Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AECT MSYSTEM-AECT Datasheet
163Kb / 5P
Limit Alarms (with DC output) AE-UNIT
AEDN MSYSTEM-AEDN Datasheet
153Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEDY MSYSTEM-AEDY Datasheet
153Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEM MSYSTEM-AEM Datasheet
147Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AER MSYSTEM-AER Datasheet
150Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AET MSYSTEM-AET Datasheet
162Kb / 5P
Limit Alarms (with DC output) AE-UNIT
AETG MSYSTEM-AETG Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEV MSYSTEM-AEV Datasheet
163Kb / 5P
Limit Alarms (with DC output) AE-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com