Electronic Components Datasheet Search
  English  ▼

X  

AEPT Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # AEPT
Description  Limit Alarms (with DC output) AE-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AEPT Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  AEPT Datasheet HTML 1Page - M-System Co.,Ltd. AEPT Datasheet HTML 2Page - M-System Co.,Ltd. AEPT Datasheet HTML 3Page - M-System Co.,Ltd. AEPT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: AEPT
AEPT SPECIFICATIONS
ES-0138 Rev.4 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
V
U
v
u
FUSE
VT
LOAD
SOURCE
Ry
Ry
*
*
Base Socket
U(+)
V(–)
POWER
7
14
Comparator
Converter
Comparator
Converter
15
10
9
11
2
1
HI
LO
COM
SETPOINT 1
OUTPUT
HI
LO
COM
SETPOINT 2
OUTPUT
*Relay status for output codes “1” & “4”, at power OFF.
SETPOINT ADJ.
THUMBWHEEL SW
SETPOINT ADJ.
THUMBWHEEL SW
HYSTERESIS
ADJ. THUMBWHEEL SW
9 9
9 9
9
HYSTERESIS ADJ.
THUMBWHEEL SW
9
+
Isolation
Output
Driver
DC OUTPUT
5
6
R.M.S.
Operation
Resistance
Divider
3
4
12
8
INPUT
TRANS-
FORMER
S
Z
Inductive
Load (Coil)
Inductive
Load (Coil)
Varistor or Spark
Quenching Circuit
U
LOAD
LOAD
• DC Powered
Diode, Varistor or
CR Circuit
■ Relay Protection
• AC Powered
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com