Electronic Components Datasheet Search
  English  ▼

X  

B6U Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # B6U
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6U Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  B6U Datasheet HTML 1Page - M-System Co.,Ltd. B6U Datasheet HTML 2Page - M-System Co.,Ltd. B6U Datasheet HTML 3Page - M-System Co.,Ltd. B6U Datasheet HTML 4Page - M-System Co.,Ltd. B6U Datasheet HTML 5Page - M-System Co.,Ltd. B6U Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: B6U
B6U SPECIFICATIONS
ES-7451 Rev.20 Page 3/6
http://www.m-system.co.jp/
1) K thermocouple, 0 – 1000°C
Absolute value accuracy (Table 1): 0.25°C
0.1% × 1000°C = 1°C > 0.25°C
CJC error (0.5°C) added: 1 + 0.5 = 1.5°C
1.5°C ÷ 1000°C × 100 = 0.15 %
➠ Overall accuracy including CJC error = ±0.15 % of span
2) K thermocouple, 50 – 150°C
Absolute value accuracy (Table 1): 0.25°C
0.1 % × (150 – 50)°C = 0.1°C < 0.25°C
CJC error (0.5°C) added: 0.25 + 0.5 = 0.75°C
0.75°C ÷ (150 – 50)°C × 100 = 0.75 %
➠ Overall accuracy including CJC error = ±0.75 % of span
• RTD
1) Pt 100, -200 – 800°C
Absolute value accuracy (Table 1): 0.15°C
0.15°C ÷ (800 – -200)°C × 100 = 0.015 % < 0.1 %
➠ Overall accuracy = ±0.1 % of span
2) Pt 100, 0 – 100°C
Absolute value accuracy (Table 1): 0.15°C
0.15°C ÷ 100°C × 100 = 0.15 % > 0.1 %
➠ Overall accuracy = ±0.15 % of span
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
ATEX Directive
Ex ia EN 60079-11
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Safety approval:
FM: Intrinsically safe
Class I, Division 1, Groups A, B, C and D
Class I, Zone 0, AEx ia IIC
T4, T5 and T6
(Class 3600)
(Class 3610)
(ANSI/ISA 60079-0)
(ANSI/ISA 60079-11)
FM: Nonincendive
Class I, Division 2, Groups A, B, C, and D
Class I, Zone 2, Group IIC
T4, T5 and T6
(Class 3600)
(Class 3611)
IECEx intrinsic safety
Ex ia IIC T4, T5 and T6 Ga
(IEC 60079-0)
(IEC 60079-11)
TIIS: Intrinsic safety
Ex ia IIC T5 X
ATEX Intrinsic safety
II 1G, Ex ia IIC, T4 , T5 and T6 Ga
(EN 60079-0)
(EN 60079-11)
Functional safety
(IEC 61508-1)
(IEC 61508-2)
(IEC 61511-1)
SAFETY PARAMETERS
Operating temperature
For IECEx, ATEX and FM:
T4: -40 to +80°C
T5: -40 to +65°C
T6: -40 to +50°C
For TIIS:
T5: -20 to +60°C
Ex-data:
• Output circuit
Ui (Vmax): 30 V
Ii (Imax): 96 mA
Pi (Pmax): 720 mW
Ci: 0 μF (TIIS Intrinsic Safety: ‘Negligible value')
Li: 0 mH (TIIS Intrinsic Safety: ‘Negligible value')
• Sensor circuit
Uo (Voc): 6.4 V (TIIS Intrinsic Safety: 6.0 V)
Io (Isc): 30 mA
Po: 48 mW
Co (Ca): 20 μF
Lo (La): 10 mH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com