Electronic Components Datasheet Search
  English  ▼

X  

B6U Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # B6U
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6U Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  B6U Datasheet HTML 1Page - M-System Co.,Ltd. B6U Datasheet HTML 2Page - M-System Co.,Ltd. B6U Datasheet HTML 3Page - M-System Co.,Ltd. B6U Datasheet HTML 4Page - M-System Co.,Ltd. B6U Datasheet HTML 5Page - M-System Co.,Ltd. B6U Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: B6U
B6U SPECIFICATIONS
ES-7451 Rev.20 Page 1/6
http://www.m-system.co.jp/
Field-mounted Two-wire Signal Conditioners
B6-UNIT SERIES
2-WIRE UNIVERSAL TEMPERATURE TRANSMITTER
(HART communication, intrinsically safe)
Functions & Features
• Universal input: mV, V, T/C, RTD, resistance and
potentiometer
• High accuracy
• HART communication
• Intrinsically safe approval
• Programming via hand-held communicator or via PC
• A wide variety of T/C and RTD types
• User’s temperature table can be used
• Self diagnostics
• Input-output isolated
MODEL: B6U–[1][2]
ORDERING INFORMATION
• Code number: B6U-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. B6U-21)
Use Ordering Information Sheet (No. ESU-7451). Factory
standard setting will be used if not otherwise specified.
Specify the country in which the product is to be used with
the Safety Approval code 2.
[1] SAFETY APPROVAL
0: None
1: FM intrinsically safe
2: IECEx/ATEX intrinsic safety
5: FM nonincendive
7: TIIS intrinsic safety (CE not available)
[2] LCD DISPLAY
0: Without
1: With
RELATED PRODUCTS
• Outdoor enclosure (model: 6BX-E)
• USB interface Bell202 modem (model: COP-HU)
Usable in ‘non-hazardous’ area only.
• Hand-held communicator
• AMS (version 6.0 or higher)
• PC configurator software (model: B6UCFG)
Downloadable at M-System’s web site.
• LCD display (model: B6U-LCD) (non safety approval)
GENERAL SPECIFICATIONS
Electrical connection: M3.5 screw terminals (torque 0.8 N·m)
Materials
Transmitter housing: Flame-resistant resin (black)
Screw terminals: Nickel-plated brass
Isolation: Input to output
Burnout (T/C, RTD, Potentiometer & Resistance): Upscale,
downscale or no burnout selectable (standard: upscale);
Also detects wire breakdown and overrange input
exceeding the electrical design limit for DC input.
Cold Junction Compensation (thermocouple input): CJC
sensor incorporated
User-configurable items:
· Input sensor type
· Number of wires (RTD & resistance)
· Input range
· Inverted output
· Burnout
· Damping time (via HART only, standard: 0)
· Sensor calibration (via HART only)
· Output calibration
· Special linearization data (via HART only)
· HART communication mode
HART COMMUNICATION
Protocol: HART communication protocol
HART address range: 0 – 15 (factory set to 0)
Transmission speed: 1200 bps
Digital current: Approx. 1 mAp-p when communicating
Character format: 1 Start Bit, 8 Data Bits, 1 Odd Parity Bit,
1 Stop Bit
Distance: 1.5 km (0.9 miles)
HART communication mode: Master-Slave Mode and Burst
Mode (factory set to Master-Slave)
HART network mode: Point-to-Point Mode and Multi-drop
Mode; automatically set to Multi-drop Mode when the
address is set to other than 0.


Similar Part No. - B6U

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B6U-B-0000 MSYSTEM-B6U-B-0000 Datasheet
183Kb / 7P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
B6U-B-0000/S MSYSTEM-B6U-B-0000/S Datasheet
183Kb / 7P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
B6U-B-0001 MSYSTEM-B6U-B-0001 Datasheet
183Kb / 7P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
B6U-B-0001/S MSYSTEM-B6U-B-0001/S Datasheet
183Kb / 7P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
B6U-B-0010 MSYSTEM-B6U-B-0010 Datasheet
183Kb / 7P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
More results

Similar Description - B6U

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BPA MSYSTEM-6BPA Datasheet
115Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BR MSYSTEM-6BR Datasheet
157Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BSN MSYSTEM-6BSN Datasheet
111Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BTS1 MSYSTEM-6BTS1 Datasheet
119Kb / 4P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6FN MSYSTEM-6FN Datasheet
94Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PA MSYSTEM-6PA Datasheet
100Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
B6UB MSYSTEM-B6UB Datasheet
183Kb / 7P
Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com