Electronic Components Datasheet Search
  English  ▼

X  

B6U Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # B6U
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6U Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  B6U Datasheet HTML 1Page - M-System Co.,Ltd. B6U Datasheet HTML 2Page - M-System Co.,Ltd. B6U Datasheet HTML 3Page - M-System Co.,Ltd. B6U Datasheet HTML 4Page - M-System Co.,Ltd. B6U Datasheet HTML 5Page - M-System Co.,Ltd. B6U Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: B6U
B6U SPECIFICATIONS
ES-7451 Rev.20 Page 5/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
3
3
2
1
4
4
+
–
Without LCD Display
(Terminal Assignments)
With LCD Display
33 (1.30)
59 (2.32) dia.
LCD MODULE CONNECTOR
2–5 (.197) dia. MTG HOLE
24.5 (.965) deep
HHC TERMINAL
63 (2.48) max.
34.5 (1.36)
48 (1.89)
Leave enough space at both sides of the module to reach
the side levers when installing/removing the LCD module.
MOUNTING REQUIREMENTS unit: mm (inch)
2–M4 or 4.5 (.18) dia.
33 (1.30)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com