Electronic Components Datasheet Search
  English  ▼

X  

LCS Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # LCS
Description  HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LCS Datasheet(HTML) 2 Page - TE Connectivity Ltd

  LCS Datasheet HTML 1Page - TE Connectivity Ltd LCS Datasheet HTML 2Page - TE Connectivity Ltd LCS Datasheet HTML 3Page - TE Connectivity Ltd LCS Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LIQUID LEVEL SWITCH
LCS Series
TE CONNECTIVITY SENSORS /// LCS SERIES
10/2020
Page 2
Absolute Maximum Ratings(1)
Parameter
Min
Max
Units
Notes/Conditions
DC contact voltage
200
V
For LCS-01 only
Do not exceed 40W
DC contact current
1.0
A
RMS contact voltage
250
V
RMS contact current
1.0
A
DC contact voltage
48
V
For LCS-02, -03, -04 only
Do not exceed 40W
DC contact current
1.0
A
Storage and operating
temperature
-30
60
°C
Fitting pressure
-1.0
0.34
Bar
Internal tank pressure
(1)Maximum limits the device will withstand without damage
Product Specifications
Parameter
Details & Options
Mounting Orientation
Side entry
Fitting
External push fit grommet
Switch Operation
N.C. when float is horizontal
Contact Forms
Form A (SPST)
Contact Material
Ruthenium
Contact resistance (max)
140 mΩ
Housing Material
Acetal/polypropylene
Float Material
Foamed polypropylene
Cable Description
22 AWG 16/0.2mm PVC insulated, UL/CSA/BS6361 (model LCS-01)
Integrated Connector
Design Equivalent to:
LCS-02 TE Connectivity Econoseal 3 P/N 344274
Mating connector – TE Connectivity P/N 344276-1
LCS-03 Delphi Packard 150 Series
Mating connector – Delphi Packard P/N 15336024
LCS-04 Yazaki 090 W/P 2P male
Shock
±50g 11ms half sign duration
Vibration
±35g 0 – 500Hz
Ambient Humidity
0 – 95% RH (non-condensing)
Ingress Protection
IP68 (wetted surfaces)
IP65 (non-wetted surfaces)
Approvals & Certifications
UL file E98428



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com