Electronic Components Datasheet Search
  English  ▼

X  

LCS Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # LCS
Description  HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LCS Datasheet(HTML) 4 Page - TE Connectivity Ltd

  LCS Datasheet HTML 1Page - TE Connectivity Ltd LCS Datasheet HTML 2Page - TE Connectivity Ltd LCS Datasheet HTML 3Page - TE Connectivity Ltd LCS Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LIQUID LEVEL SWITCH
LCS Series
TE CONNECTIVITY SENSORS /// LCS SERIES
10/2020
Page 4
Ordering Information
-01
Switch
SPST Max 100VDC, 250VRMS, 1A, 40W
Connection 0.5m PVC insulated wire pair
Mating
connector Not required
-02
Switch
SPST Max 48VDC, 1A, 40W
Connection Integral TE Ecoseal connector
Mating
connector TE Connectivity P/N 344276-1
-03
Switch
SPST Max 48VDC, 1A, 40W
Connection Delphi Packard 150 Series
Mating
connector Delphi Packard P/N 15336024
-04
Switch
SPST Max 48VDC, 1A, 40W
Connection Yazaki 090 W/P 2P male
Mating
connector Yazaki 090 W/P 2P female
te.com/sensors
TE Connectivity, TE, TE Connectivity (logo) and Every Connection Counts are trademarks. All other logos, products and/or company names referred to herein might
be trademarks of their respective owners
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However,
TE Connectivity makes no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Conne
ctivity‘s obligations shall only
be as set forth in TE Connectivity‘s Standard Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect
or consequential damages arising out of the sale, resale, use or misuse of the product. Users of TE Connectivity products should make their own evaluation to
determine the suitability of each such product for the specific application.
© 2020 TE Connectivity Corporation. All Rights Reserved.
10//2020
Model Number
LCS - __ __
CLICK HERE ›
CONNECT WITH A SPECIALIST
NORTH AMERICA
Tel +1 800 522 6752
EUROPE
Tel +31 73 624 6999
ASIA
Tel +86 0400 820 6015



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com