Electronic Components Datasheet Search
  English  ▼

X  

LCS Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # LCS
Description  HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LCS Datasheet(HTML) 1 Page - TE Connectivity Ltd

  LCS Datasheet HTML 1Page - TE Connectivity Ltd LCS Datasheet HTML 2Page - TE Connectivity Ltd LCS Datasheet HTML 3Page - TE Connectivity Ltd LCS Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TE CONNECTIVITY SENSORS /// LCS SERIES
10/2020
Page 1
te.com
HORIZONTAL COMPACT
SHORT-SWING
LIQUID LEVEL SENSORS
LCS Series
Features
 Voltage rating up to 250VAC
 Current rating up to 1.0 amp
 Compact design and low profile
 Cable or integrated connector
 Rapid Push Fit Installation
 EPDM Sealing Grommet
Applications
 Water storage tanks
 Full and/or empty detection
 Pump on/off controls
 Marine bilge and ballast tanks
 Flood detection and prevention
 Coolant level indication
 Livestock watering tanks
 Irrigation systems
 Water treatment plants
 Waste water tanks
 Chemical storage and processing
High or low level switching
N.O./N.C. SPST output
Mounted on the side wall of a tank
Certified reed switch (UL component listed)
Body material is acetal and float is polypropylene
The LCS series of point liquid level switch demonstrates a high degree of
reliability due to the use of non-reactive wetted components and a unique
reed switch designed specifically for level sensing applications. The
sensor utilizes a moving float with an embedded magnet to activate a
reed switch located in the sensor body. As the liquid level raises the float,
it moves a magnet into close proximity of the reed switch and actuates it
to give an open contact or closed contact switch indication.
The reliability of this sensor results from a very simple operating principle,
a single moving part, media compatible wetted materials, and a unique
reed switch design that has a UL recognized component certification.
The sensor quickly mounts into the side wall of a liquid storage tank using
a unique push fit design. This is an external configuration. The output is a
simple N.O. or N.C. SPST reed switch that utilizes Ruthenium contact
points for reliability. Changing from a N.O. output to a N.C. output is done
by rotating the switch 180° in the mounting hole. This change can be
done in the field. Electrical outputs are a single pair of wires with PVC
insulation and a length of 0.5m, or one of three optional integrated
connector designs.
CLICK HERE ›
CONNECT WITH A SPECIALIST


Similar Part No. - LCS

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
logo
Visual Communications C...
LCS VCC-LCS Datasheet
89Kb / 1P
5MM THREADED MOISTURE SEALED LITEPIPE
logo
M-System Co.,Ltd.
LCS MSYSTEM-LCS Datasheet
118Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
C&K Components
LCS CK-COMPONENTS-LCS Datasheet
538Kb / 4P
Small Size Sealed Snap-acting Switches
31 May 21
logo
Apex Electronics Co., L...
LCS APEX-ELECTRONICS-LCS Datasheet
724Kb / 2P
Rectangle pushbutton switch, optional lamp, UL, VDE certified
More results

Similar Description - LCS

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LLE105000 HONEYWELL-LLE105000 Datasheet
91Kb / 4P
Liquid level sensors
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
logo
TE Connectivity Ltd
LDS TEC-LDS Datasheet
223Kb / 4P
HORIZONTAL SHORT-SWING LIQUID LEVEL SENSORS
LS TEC-LS_V01 Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
VCS TEC-VCS Datasheet
189Kb / 7P
COMPACT VERTICAL LIQUID LEVEL SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com