Electronic Components Datasheet Search
  English  ▼

X  

ADIS16375BMLZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADIS16375BMLZ
Description  Low Profile, Low Noise Six Degrees of Freedom Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16375BMLZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIS16375BMLZ Datasheet HTML 20Page - Analog Devices ADIS16375BMLZ Datasheet HTML 21Page - Analog Devices ADIS16375BMLZ Datasheet HTML 22Page - Analog Devices ADIS16375BMLZ Datasheet HTML 23Page - Analog Devices ADIS16375BMLZ Datasheet HTML 24Page - Analog Devices ADIS16375BMLZ Datasheet HTML 25Page - Analog Devices ADIS16375BMLZ Datasheet HTML 26Page - Analog Devices ADIS16375BMLZ Datasheet HTML 27Page - Analog Devices ADIS16375BMLZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADIS16375
Data Sheet
Rev. E | Page 28 of 28
OUTLINE DIMENSIONS
BOTTOM VIEW
FRONT VIEW
44.254
44.000
43.746
42.854
42.600
42.346
1.942
1.642
1.342
47.254
47.000
46.746
14.254
14.000
13.746
39.854
39.600
39.346
20.10
19.80
19.50
Ø 2.40 BSC
(4 PLACES)
15.00
BSC
8.25
BSC
2.20 BSC
(8 PLACES)
DETAIL A
PIN 1
DETAIL B
5.50
BSC
5.50
BSC
1.00 BSC
2.84 BSC
6.50 BSC
DETAIL A
DETAIL B
1.00 BSC
PITCH
0.30 SQ BSC
3.454
3.200
2.946
Figure 26. 24-Lead Module with Connector Interface
(ML-24-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADIS16375BMLZ
−40°C to +105°C
24-Lead Module with Connector Interface
ML-24-6
1
Z = RoHS Compliant Part.
©2010–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09389-0-1/19(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com