Electronic Components Datasheet Search
  English  ▼

X  

ADIS16375BMLZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16375BMLZ
Description  Low Profile, Low Noise Six Degrees of Freedom Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16375BMLZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16375BMLZ Datasheet HTML 19Page - Analog Devices ADIS16375BMLZ Datasheet HTML 20Page - Analog Devices ADIS16375BMLZ Datasheet HTML 21Page - Analog Devices ADIS16375BMLZ Datasheet HTML 22Page - Analog Devices ADIS16375BMLZ Datasheet HTML 23Page - Analog Devices ADIS16375BMLZ Datasheet HTML 24Page - Analog Devices ADIS16375BMLZ Datasheet HTML 25Page - Analog Devices ADIS16375BMLZ Datasheet HTML 26Page - Analog Devices ADIS16375BMLZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADIS16375
Rev. E | Page 23 of 28
ALARMS
The alarm function provides independent alarms for each
inertial sensor. Table 79 contains a list of registers that provide
configuration and control inputs for the alarm function.
Table 79. Registers for Alarm Configuration
Register
Page
Address
Description
ALM_CONFIG1
3
0x20
Alarm configuration
ALM_CONFIG2
3
0x22
Alarm configuration
XG_ALM_MAG
3
0x40
X-axis gyroscope trigger
YG_ALM_MAG
3
0x42
Y-axis gyroscope trigger
ZG_ALM_MAG
3
0x44
Z-axis gyroscope trigger
XA_ALM_MAG
3
0x46
X-axis accelerometer trigger
YA_ALM_MAG
3
0x48
Y-axis accelerometer trigger
ZA_ALM_MAG
3
0x4A
Z-axis accelerometer trigger
Static Alarm Use
The static alarm setting compares each sensor’s output with the
trigger settings in the xG_ALM_MAG and xA_ALM_MAG
registers (see Table 80, Table 81, Table 82, Table 83, Table 84,
and Table 85) of that sensor. The polarity controls for each alarm
are in the ALM_CONFIG_x registers (see Table 86 and Table 87).
The polarity establishes whether greater than or less than
produces an alarm condition. The comparison between the
xG_ALM_MAG (or xA_ALM_MAG) value and the output data
only applies to the upper word or 16 bits of the output data.
Table 80. XG_ALM_MAG (Page 3, Base Address = 0x40)
Bits
Description (Default = 0x0000)
[15:0]
X-axis gyroscope alarm threshold settings; matches
format of the X_GYRO_OUT register in Table 11
Table 81. YG_ALM_MAG (Page 3, Base Address = 0x42)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis gyroscope alarm threshold settings; matches
format of the Y_GYRO_OUT register in Table 12
Table 82. ZG_ALM_MAG (Page 3, Base Address = 0x44)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis gyroscope alarm threshold settings; matches
format of the Z_GYRO_OUT register in Table 13
Table 83. XA_ALM_MAG (Page 3, Base Address = 0x46)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer alarm threshold settings; uses
the same format as X_ACCL_OUT, see Table 18
Table 84. YA_ALM_MAG (Page 3, Base Address = 0x48)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer alarm threshold settings; uses
the same format as Y_ACCL_OUT, see Table 19
Table 85. ZA_ALM_MAG (Page 3, Base Address = 0x4A)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer alarm threshold settings; uses
the same format as Z_ACCL_OUT, see Table 20
Dynamic Alarm Use
The dynamic alarm setting provides the option of comparing the
change in each sensor’s output over a period of 48.7 ms, with that
sensor’s xx_ALM_MAG register.
Alarm Reporting
Monitor each sensor’s alarm by reading the ALM_STS register
(see Table 43), located in Page 0. The FNCIO_CTRL register
(see Table 93) provides a control for establishing any of the
DIOx lines as an alarm indicator output signal.
Table 86. ALM_CONFIG_1 (Page 3, Base Address = 0x20)
Bits
Description (Default = 0x0000)
[15]
X-axis accelerometer alarm (1 = enabled)
[14]
Not used
[13]
X-axis accelerometer alarm polarity (1 = greater than)
[12]
X-axis accelerometer dynamic enable (1 = enabled)
[11]
Z-axis gyroscope alarm (1 = enabled)
[10]
Not used
[9]
Z-axis gyroscope alarm polarity (1 = greater than)
[8]
Z-axis gyroscope dynamic enable (1 = enabled)
[7]
Y-axis gyroscope alarm (1 = enabled)
[6]
Not used
[5]
Y-axis gyroscope alarm polarity (1 = greater than)
[4]
Y-axis gyroscope dynamic enable (1 = enabled)
[3]
X-axis gyroscope alarm (1 = enabled)
[2]
Not used
[1]
X-axis gyroscope alarm polarity (1 = greater than)
[0]
X-axis gyroscope dynamic enable (1 = enabled)
Table 87. ALM_CONFIG_2 (Page 3, Base Address = 0x22)
Bits
Description (Default = 0x0000)
[15:8]
Not used
[7]
Z-axis accelerometer alarm (1 = enabled)
[6]
Not used
[5]
Z-axis accelerometer alarm polarity (1 = greater than)
[4]
Z-axis accelerometer dynamic enable (1 = enabled)
[3]
Y-axis accelerometer alarm (1 = enabled)
[2]
Not used
[1]
Y-axis accelerometer alarm polarity (1 = greater than)
[0]
Y-axis accelerometer dynamic enable (1 = enabled)
Alarm Example
Table 88 offers an alarm configuration example, which sets the X-axis
gyroscope alarm to trip when X_GYRO_OUT > 131.1°/sec (0x2710).
Table 88. Alarm Configuration Example 1
DIN
Description
0xC010
Set XA_ALM_MAG[7:0] = 0x10
0xC127
Set XA_ALM_MAG[15:8] = 0x27
0xA006
Set ALM_CONFIG_1[7:0] = 0x06
0xA100
Set ALM_CONFIG_1[15:8] = 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com