Electronic Components Datasheet Search
  English  ▼

X  

ADIS16470PCBZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADIS16470PCBZ
Description  Wide Dynamic Range, Miniature MEMs IMU
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16470PCBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIS16470PCBZ Datasheet HTML 28Page - Analog Devices ADIS16470PCBZ Datasheet HTML 29Page - Analog Devices ADIS16470PCBZ Datasheet HTML 30Page - Analog Devices ADIS16470PCBZ Datasheet HTML 31Page - Analog Devices ADIS16470PCBZ Datasheet HTML 32Page - Analog Devices ADIS16470PCBZ Datasheet HTML 33Page - Analog Devices ADIS16470PCBZ Datasheet HTML 34Page - Analog Devices ADIS16470PCBZ Datasheet HTML 35Page - Analog Devices ADIS16470PCBZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
ADIS16470
Rev. C | Page 33 of 36
The X_ACCL_OUT, Y_ACCL_OUT, and Z_ACCL_OUT
registers contain the most significant 16 bits of this data, while
the remaining (least significant) bits are in the upper 4 bits of
the X_ACCL_LOW, Y_ACCL_LOW, and Z_ACCL_LOW
registers. Since the total noise (0.6 mg rms, see Table 1) in the
accelerometer data (DEC_RATE = 0x0000, FILT_CTRL =
0x0000) is greater than the 16-bit quantization noise (0.25 mg ÷
120.5 = 0.072 mg), application processors can acquire all relevant
information through the X_ACCL_OUT, Y_ACCL_OUT, and
Z_ACCL_OUT registers. This enables applications to preserve
optimal performance, while using the burst read (see Figure 27),
which only provides 16-bit data for the accelerometers.
The X_ACCL_LOW, Y_ACCL_LOW, and Z_ACCL_LOW
registers also capture the bit growth that comes from each
accumulation operation in the decimation and Bartlett window
filters. When using these filters (DEC_RATE ≠ 0x0000 and/or
FILT_CTRL ≠ 0x0000), the data width increases by one bit
every time the number of summations (in a filter stage)
increases by a factor of two. For example, when DEC_RATE =
0x0001, the decimation filter adds two (1 + 1 = 2, see Table 105)
successive samples together, which causes the data width to
increase by 1 bit (log22 = 1). When FILT_CTRL = 0x0001, both
stages in the Bartlett window filter add two (21 = 2, see Table 99)
successive samples together, which increases the data width by 1
bit (log22 = 1) as well. When using both DEC_RATE = 0x0001
and FILT_CTRL = 0x0001, the total bit growth is 3 bits, which
increases the overall data width to 23 bits.
EVALUATION TOOLS
Breakout Board
The ADIS16470/PCBZ is a breakout board that provides a
simple way to develop a prototype connection between the
ADIS16470 and an existing embedded processor platform.
This breakout board already contains an ADIS16470AMLZ and
a dual row, 2 mm pitch, 16-pin header (J1). Table 130 provides
the J1 pin assignments, which support direction connection
with an embedded processor board, using standard ribbon
cables. As a general guideline, the ADIS16470/PCBZ supports
reliable communications over ribbon cables that are up to 20 cm
in length. Local electromagnetic interference (EMI) conditions
can influence signal integrity, which may require some signal
level observation with an oscilloscope, to assure reliable
communications.
Table 130. J1 Pin Assignments, Breakout Board
J1 Pin Number
Signal
Function
1
RST
Reset
2
SCLK
SPI
3
CS
SPI
4
DOUT
SPI
5
NC
Not connect
6
DIN
SPI
7
GND
Ground
8
GND
Ground
9
GND
Ground
10
VDD
Power, 3.3 V
11
VDD
Power, 3.3 V
12
VDD
Power, 3.3 V
13
DR
Data ready
14
SYNC
Input clock
15
NC
Not connect
16
NC
Not connect
Figure 48 provides a top level view of the breakout board, including
dimensional locations for all the key mechanical features, such
as the mounting holes and the 16-pin header. Figure 49 provides
an electrical schematic for this breakout board.
ADIS1647X/PCB
BREAKOUT BOARD
08-045113rA
J1
*
5.125mm
5.125mm
3.625mm
6.03mm
33.25mm
16.99mm
16.26mm
30.07mm
Figure 48. Top Level View of the Breakout Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com