Electronic Components Datasheet Search
  English  ▼

X  

ADIS16470PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16470PCBZ
Description  Wide Dynamic Range, Miniature MEMs IMU
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16470PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16470PCBZ Datasheet HTML 19Page - Analog Devices ADIS16470PCBZ Datasheet HTML 20Page - Analog Devices ADIS16470PCBZ Datasheet HTML 21Page - Analog Devices ADIS16470PCBZ Datasheet HTML 22Page - Analog Devices ADIS16470PCBZ Datasheet HTML 23Page - Analog Devices ADIS16470PCBZ Datasheet HTML 24Page - Analog Devices ADIS16470PCBZ Datasheet HTML 25Page - Analog Devices ADIS16470PCBZ Datasheet HTML 26Page - Analog Devices ADIS16470PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
ADIS16470
Rev. C | Page 23 of 36
When using the internal sample clock, fS is equal to a nominal
rate of 2000 SPS. For better precision in this measurement,
measure the internal sample rate (fS) using the data ready signal
on the DR pin (DEC_RATE = 0x0000, see Table 104), divide
each delta angle result (from the delta angle output registers) by
the data ready frequency and multiply it by 2000. Each axis of
the delta velocity measurements has two output data registers.
Figure 39 illustrates how these two registers combine to support
32-bit, twos complement data format for the delta velocity
measurements along the x-axis. This format also applies to the
y-axis and z-axis.
X-AXIS DELTA VELOCITY DATA
015
15
0
X_ DELTVEL_OUT
X_ DELTVEL_LOW
Figure 39. Delta Angle Output Data Structure
X-Axis Delta Velocity (X_DELTVEL_LOW and
X_DELTVEL_OUT)
Table 60. X_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x30, 0x31
Not applicable
R
No
Table 61. X_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta velocity data; additional resolution bits
Table 62. X_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x32, 0x33
Not applicable
R
No
Table 63. X_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
X-axis delta velocity data; twos complement,
±400 m/sec range, 0 m/sec = 0x0000;
1 LSB = 400 m/sec ÷ 215 = ~0.01221 m/sec
The X_DELTVEL_LOW (see Table 60 and Table 61) and
X_DELTVEL_OUT (see Table 62 and Table 63) registers
contain the delta velocity data for the x-axis.
Y-Axis Delta Velocity (Y_DELTVEL_LOW and
Y_DELTVEL_OUT)
Table 64. Y_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x34, 0x35
Not applicable
R
No
Table 65. Y_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis delta velocity data; additional resolution bits
Table 66. Y_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x36, 0x37
Not applicable
R
No
Table 67. Y_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis delta velocity data; twos complement,
±400 m/sec range, 0 m/sec = 0x0000;
1 LSB = 400 m/sec ÷ 215 = ~0.01221 m/sec
The Y_DELTVEL_LOW (see Table 64 and Table 65) and
Y_DELTVEL_OUT (see Table 66 and Table 67) registers
contain the delta velocity data for the y-axis.
Z-Axis Delta Velocity (Z_DELTVEL_LOW and
Z_DELTVEL_OUT)
Table 68. Z_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x38, 0x39
Not applicable
R
No
Table 69. Z_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis delta velocity data; additional resolution bits
Table 70. Z_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x3A, 0x3B
Not applicable
R
No
Table 71. Z_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis delta velocity data; twos complement,
±400 m/sec range, 0 m/sec = 0x0000;
1 LSB = 400 m/sec ÷ 215 = ~0.01221 m/sec
The Z_DELTVEL_LOW (see Table 68 and Table 69) and
Z_DELTVEL_OUT (see Table 70 and Table 71) registers
contain the delta velocity data for the z-axis.
Delta Velocity Resolution
Table 72 and Table 73 offer various numerical examples that
demonstrate the format of the delta velocity data in both 16-bit
and 32-bit formats.
Table 72. 16-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
Binary
+400 × (215 − 1)/215
+32,767
0x7FFF
0111 1111 1111 1111
+400/214
+2
0x0002
0000 0000 0000 0010
+400/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−400/215
−1
0xFFFF
1111 1111 1111 1111
−400/214
−2
0xFFFE
1111 1111 1111 1110
−400
−32,768
0x8000
1000 0000 0000 0000
Table 73. 32-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
+400 × (231 − 1)/231
+2,147,483,647
0x7FFFFFFF
+400/230
+2
0x00000002
+400/231
+1
0x00000001
0
0
0x00000000
−400/231
−1
0xFFFFFFFF
−400/230
−2
0xFFFFFFFE
−400
+2,147,483,648
0x80000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com