Electronic Components Datasheet Search
  English  ▼

X  

ADIS16470PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16470PCBZ
Description  Wide Dynamic Range, Miniature MEMs IMU
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16470PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16470PCBZ Datasheet HTML 17Page - Analog Devices ADIS16470PCBZ Datasheet HTML 18Page - Analog Devices ADIS16470PCBZ Datasheet HTML 19Page - Analog Devices ADIS16470PCBZ Datasheet HTML 20Page - Analog Devices ADIS16470PCBZ Datasheet HTML 21Page - Analog Devices ADIS16470PCBZ Datasheet HTML 22Page - Analog Devices ADIS16470PCBZ Datasheet HTML 23Page - Analog Devices ADIS16470PCBZ Datasheet HTML 24Page - Analog Devices ADIS16470PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
ADIS16470
Rev. C | Page 21 of 36
Temperature (°C)
Decimal
Hex
Binary
+0.1
−1
0xFFFF
1111 1111 1111 1111
+0.2
−2
0xFFFE
1111 1111 1111 1110
−25
−250
0xFF06
1111 1111 0000 0110
Time Stamp (TIME_STAMP)
Table 42. TIME_STAMP Register Definition
Addresses
Default
Access
Flash Backup
0x1E, 0x1F
Not applicable
R
No
Table 43. TIME_STAMP Bit Definitions
Bits
Description
[15:0]
Time from the last pulse on the SYNC pin; offset binary
format, 1 LSB = 49.02 μs
The TIME_STAMP (see Table 42 and Table 43) register works
in conjunction with scaled sync mode (Register MSC_CTRL,
Bits[4:2] = 010, see Table 101). The 16-bit number in
TIME_STAMP contains the time associated with the last
sample in each data update relative to the most recent edge
of the clock signal in the SYNC pin. For example, when the
value in the UP_SCALE register (see Table 103) represents a
scale factor of 20, DEC_RATE = 0, and the external SYNC rate
of 100 Hz results in the following time stamp sequence: 0 LSB,
10 LSB, 21 LSB, 31 LSB, 41 LSB, 51 LSB, 61 LSB, 72 LSB, …,
194 LSB for the 20th sample, which translates to 0 μs, 490 μs, …,
9510 μs which is the time from the first SYNC edge.
Data Update Counter (DATA_CNTR)
Table 44. DATA_CNTR Register Definition
Addresses
Default
Access
Flash Backup
0x22, 0x23
Not applicable
R
No
Table 45. DATA_CNTR Bit Definitions
Bits
Description
[15:0]
Data update counter, offset binary format
When the ADIS16470 goes through its power-on sequence or
when it recovers from a reset command, DATA_CNTR (see
Table 44 and Table 45) starts with a value of 0x0000 and
increments every time new data loads into the output registers.
When it reaches 0xFFFF, the next data update causes it to wrap
back around to 0x0000, where it continues to increment every
time new data loads into the output registers.
DELTA ANGLES
In addition to the angular rate of rotation (gyroscope)
measurements around each axis (x, y, and z), the ADIS16470 also
provides delta angle measurements that represent a computation of
angular displacement between each sample update.
ΔθZ
ΔθY
Y
ΔθX
Z
X
PIN A8
PIN K1
Figure 36. Delta Angle Axis and Polarity Assignments
The delta angle outputs represent an integration of the gyroscope
measurements and use the following formula for all three axes
(x-axis displayed):

1
0
1
,
,
,
2
1
D
d
d
D
n
x
d
D
n
x
S
D
n
x
f
where:
x is the x-axis.
n is the sample time, prior to the decimation filter.
D is the decimation rate = DEC_RATE + 1 (see Table 105).
fs is the sample rate.
d is the incremental variable in the summation formula.
ωX is the x-axis rate of rotation (gyroscope).
When using the internal sample clock, fS is equal to a nominal
rate of 2000 SPS. For better precision in this measurement,
measure the internal sample rate (fS) using the data ready signal
on the DR pin (DEC_RATE = 0x0000, see Table 104), divide
each delta angle result (from the delta angle output registers) by
the data ready frequency and multiply it by 2000. Each axis of
the delta angle measurements has two output data registers.
Figure 37 illustrates how these two registers combine to support
a 32-bit, twos complement data format for the x-axis delta angle
measurements. This format also applies to the y- and z-axes.
X-AXIS DELTA ANGLE DATA
015
15
0
X_DELTANG_OUT
X_DELTANG_LOW
Figure 37. Delta Angle Output Data Structure
X-Axis Delta Angle (X_DELTANG_LOW and
X_DELTANG_OUT)
Table 46. X_DELTANG_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x24, 0x25
Not applicable
R
No
Table 47. X_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data; additional resolution bits
Table 48. X_DELTANG_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x26, 0x27
Not applicable
R
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com